Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # TPV
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TPV Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  TPV Datasheet HTML 1Page - RUBYCON CORPORATION TPV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
TPV
SERIES
TPV
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−55∼+105℃
6.3∼35Vdc
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater. (After 2 minutes application of rated voltage)
I=Leakage Current (μA)     C=Capacitance (μF)    V=Rated Voltage (Vdc)
Rated Voltage
(Vdc)
(20℃,120Hz)
tanδ
0.26
6.3
0.19
10
0.16
16
0.14
25
0.12
35
After applying rated voltage for 2000 hours at 105℃, the capacitor shall meet the following requirements.
105℃ Low ESR, Miniaturized, Lead Free Reflow Soldering
◆FEATURES
・Load Life 105℃ 2000 hours.
・Lead free reflow soldering is available.
・Available for high density mounting.
・Prescribe ESR value at 100 kHz.
・RoHS compliance.
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
3
6.3
3
10
3
16
3
25
3
35
22222
Z
(−55℃)
/Z
(20℃) 44433
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the initially measured value.
Not more than 200% of the specified value.
Not more than the specified value.
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
TPV
Series
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
Rated Voltage
(Vdc)
Voltage code
6.3 10 16 25 35
jA
C
E
V
◆MARKING
Lot No.
Capacitance
Series
※
Rated voltage code
Negative
※Voltage code
◆MULTIPLIER FOR RIPPLE CURRENT
0.60
0.80
0.95
1.00
When rated capacitance is over 1000μF,
tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
AA
680
CTP


Similar Part No. - TPV

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV Datasheet
706Kb / 3P
TPV 24V & 48V Series
logo
M-System Co.,Ltd.
TPV MSYSTEM-TPV Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
logo
Transko Electronics, In...
TPV TRANSKO-TPV Datasheet
374Kb / 1P
PLASTIC MOLDED SMD HCMOS VCXO (14.0 x 9.8 x 4.7mm)
Rev. 1: Jul. 2014
logo
Toppower Electronic Tec...
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPV-W1 TOPPOWER-TPV-W1 Datasheet
814Kb / 3P
0.1W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25TLV470M10X10.5 RUBYCON-25TLV470M10X10.5 Datasheet
151Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3TZV330M6.3X8 RUBYCON-6.3TZV330M6.3X8 Datasheet
75Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SJV RUBYCON-SJV_15 Datasheet
196Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SKV RUBYCON-SKV_15 Datasheet
167Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SLV RUBYCON-SLV_15 Datasheet
212Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
25TZV100M6.3X8 RUBYCON-25TZV100M6.3X8 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV100M6.3X8 RUBYCON-35TZV100M6.3X8 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3SZV47M5X5.5 RUBYCON-6.3SZV47M5X5.5 Datasheet
76Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
16SEV10M4X5.5 RUBYCON-16SEV10M4X5.5 Datasheet
172Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV220M8X10.5 RUBYCON-35TZV220M8X10.5 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com