Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS200-P Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS200-P
Description  KEELOQ CODE HOPPING ENCODER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200-P Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS200-P Datasheet HTML 4Page - Microchip Technology HCS200-P Datasheet HTML 5Page - Microchip Technology HCS200-P Datasheet HTML 6Page - Microchip Technology HCS200-P Datasheet HTML 7Page - Microchip Technology HCS200-P Datasheet HTML 8Page - Microchip Technology HCS200-P Datasheet HTML 9Page - Microchip Technology HCS200-P Datasheet HTML 10Page - Microchip Technology HCS200-P Datasheet HTML 11Page - Microchip Technology HCS200-P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HCS200
DS40138A-page 8
Preliminary
© 1996 Microchip Technology Inc.
5.0
SPECIAL FEATURES
5.1
Code Word Completion
Code word completion is an automatic feature that
makes sure that the entire code word is transmitted,
even if the button is released before the transmission is
complete. The HCS200 encoder powers itself up when
a button is pushed and powers itself down after the
command is finished, if the user has already released
the button. If the button is held down beyond the time
for one transmission, then multiple transmissions will
result. If
another
button
is
activated
during
a
transmission, the active transmission will be aborted
and the new code will be generated using the new
button information.
5.2
Blank Alternate Code Word
Federal Communications Commission (FCC) part 15
rules specify the limits on fundamental power and
harmonics that can be transmitted. Power is calculated
on the worst case average power transmitted in a
100 ms window. It is therefore advantageous to
minimize the duty cycle of the transmitted word. This
can be achieved by minimizing the duty cycle of the
individual bits and by blanking out consecutive words.
Blank Alternate Code Word (BACW) is used for
reducing
the
average
power
of
a
transmission
(Figure 5-1). This is a selectable feature that is
determined in conjunction with the baud rate selection
bit BSL0. Using the BACW allows the user to transmit a
higher amplitude transmission if the transmission
length is shorter. The FCC puts constraints on the aver-
age power that can be transmitted by a device, and
BACW effectively prevents continuous transmission by
only allowing the transmission of every second word.
This reduces the average power transmitted and
hence, assists in FCC approval of a transmitter device.
5.3
Seed Transmission
In order to increase the level of security in a system, it is
possible for the receiver to implement what is known as
a secure learn function. This can be done by utilizing the
seed value on the HCS200 which is stored in EEPROM
and can only be transmitted when all three button inputs
are pressed at the same time (Table 5-1). Instead of the
normal key generation method being used to create the
encryption key, this seed value is used.
5.4
VLOW: Voltage LOW indicator
The VLOW bit is transmitted with every transmission
(Figure 4-2 and Figure 8-5) and will be transmitted as a
zero if the operating voltage is above the voltage trip
point. The VLOW signal is transmitted so the receiver
can give an indication to the user that the transmitter
battery is low.
FIGURE 5-1:
BLANK ALTERNATE CODE WORD (BACW)
TABLE 5-1:
PIN ACTIVATION TABLE
External
Internal
S2
S1
S0
S3
S2
S1
S0
Standby after CC
0
0
00000
Hop
0
0
10001
0
1
00010
0
1
10011
1
0
01100
1
0
11110
1
1
01110
Fixed
1
1
11111
One Code Word
BACW Disabled
(All words transmitted)
BACW Enabled
(1 out of 2 transmitted)
A
2A
100ms
100ms
100ms
100ms
Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com