Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS200-P Datasheet(PDF) 15 Page - Microchip Technology

Part # HCS200-P
Description  KEELOQ CODE HOPPING ENCODER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200-P Datasheet(HTML) 15 Page - Microchip Technology

Back Button HCS200-P Datasheet HTML 8Page - Microchip Technology HCS200-P Datasheet HTML 9Page - Microchip Technology HCS200-P Datasheet HTML 10Page - Microchip Technology HCS200-P Datasheet HTML 11Page - Microchip Technology HCS200-P Datasheet HTML 12Page - Microchip Technology HCS200-P Datasheet HTML 13Page - Microchip Technology HCS200-P Datasheet HTML 14Page - Microchip Technology HCS200-P Datasheet HTML 15Page - Microchip Technology HCS200-P Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40138A-page 15
HCS200
FIGURE 8-5:
DATA WORD FORMAT
TABLE 8-4:
CODE WORD TRANSMISSION TIMING REQUIREMENTS
FIGURE 8-6:
HCS200 TE VS. TEMP (BY CHARACTERIZATION)
VDD = +3.5 to 13.0V
Commercial (C):
Tamb = 0
°C to +70°C
Industrial
(I):
Tamb = -40
°C to +85°C
Code Words Transmitted
All
1 out of 2
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
280
400
620
140
200
310
µs
TBP
PWM bit pulse width
3
840
1200
1860
420
600
930
µs
TP
Preamble duration
23
6.4
9.2
14.3
3.2
4.6
7.1
ms
TH
Header duration
10
2.8
4.0
6.2
1.4
2.0
3.1
ms
THOP
Hopping code duration
96
26.9
38.4
59.5
13.4
19.2
29.8
ms
TFIX
Fixed code duration
102
28.6
40.8
63.2
14.3
20.4
31.6
ms
TG
Guard Time
39
10.9
15.6
24.2
5.5
7.8
12.1
ms
—
Total Transmit Time
270
75.6
108.0
167.4
37.8
54.0
83.7
ms
—
PWM data rate
—
1190
833
538
2381
1667
1075
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.
Bit 0
Bit 1
Header
Bit 30 Bit 31 Bit 32 Bit 33 Bit 58 Bit 59
Fixed Code Word
Hopping Code Word
Guard
LSB
LSB
MSB
MSB
S3
S0
S1
S2
VLOW RPT
Time
Serial Number
Button Code
Status
Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65
0.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.7
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
0.6
TE Min.
TE Max.
TE
TEMPERATURE
°C
VDD = 3.5V
VDD = 5.0V
VDD
≥ 5.0V
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com