Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS301 Datasheet(PDF) 4 Page - Microchip Technology

Part # HCS301
Description  KEELOQ CODE HOPPING ENCODER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301 Datasheet(HTML) 4 Page - Microchip Technology

  HCS301 Datasheet HTML 1Page - Microchip Technology HCS301 Datasheet HTML 2Page - Microchip Technology HCS301 Datasheet HTML 3Page - Microchip Technology HCS301 Datasheet HTML 4Page - Microchip Technology HCS301 Datasheet HTML 5Page - Microchip Technology HCS301 Datasheet HTML 6Page - Microchip Technology HCS301 Datasheet HTML 7Page - Microchip Technology HCS301 Datasheet HTML 8Page - Microchip Technology HCS301 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
HCS301
DS21143A-page 4
Preliminary
© 1996 Microchip Technology Inc.
2.0
DEVICE OPERATION
As shown in the typical application circuits (Figure 2-1),
the HCS301 is a simple device to use. It requires only
the addition of buttons and RF circuitry for use as the
transmitter in your security application. A description of
each pin is described in Table 2-1.
FIGURE 2-1:
TYPICAL CIRCUITS
TABLE 2-1:
PIN DESCRIPTIONS
Note:
When VDD > 9.0V and driving low capacitive
loads, a resistor with a minimum value of 50
Ω
should be used in line with VDD. This prevents
clamping of PWM at 9.0V in the event of PWM
overshoot.
Name
Pin
Number
Description
S0
1
Switch input 0
S1
2
Switch input 1
S2
3
Switch input 2/Can also be clock
pin when in programming mode
S3
4
Switch input 3/Clock pin when in
programming mode
VSS
5
Ground reference connection
PWM
6
Pulse width modulation (PWM)
output pin/Data pin for
programming mode
LED
7
Cathode connection for directly
driving LED during transmission
VDD
8
Positive supply voltage
connection
VDD
B0
Tx out
S0
S1
S2
S3
LED
VDD
PWM
VSS
2 button remote control
B1
VDD
Tx out
S0
S1
S2
S3
LED
VDD
PWM
VSS
5 button remote control (Note1)
B4 B3 B2 B1 B0
Note 1:
Up to 15 functions can be implemented by pressing
more than one button simultaneously or by using a
suitable diode array.
2: Resistor (R) is recommended for current limiting.
+12V
R
+12V
R
(Note 2)
(Note 2)
The high security level of the HCS301 is based on the pat-
ented KEELOQ technology. A block cipher based on a block
length of 32 bits and a key length of 64 bits is used. The
algorithm obscures the information in such a way that even
if the transmission information (before coding) differs by
only 1 bit from the information in the previous transmis-
sion, the next coded transmission will be totally different.
Statistically, if only 1 bit in the 32-bit string of information
changes, approximately 50 percent of the coded transmis-
sion will change. The HCS301 will wake up upon detecting
a switch closure and then delay approximately 10 ms for
switch debounce (Figure 2-2). The synchronization infor-
mation, fixed information, and switch information will be
encrypted to form the hopping code. The encrypted or
hopping code portion of the transmission will change every
time, even if the same button is pushed again. A code that
has been transmitted will not occur again for more than
64K transmissions. This will provide more than 18 years of
typical use before a code is repeated, based on 10 opera-
tions per day. Overflow information sent from the encoder
can be used by the decoder to extend the number of
unique transmissions to more than 192K.
If, in the transmit process, it is detected that a new but-
ton(s) has been pressed, a reset will immediately be
forced and the code word will not be completed. Please
note that buttons removed will not have any effect on the
code word unless no buttons remain pressed. In this case,
the code word will be completed and the power down will
occur.
FIGURE 2-2:
ENCODER OPERATION
Power Up
Reset and Debounce Delay
(10 ms)
Sample Inputs
Update Sync Info
Encrypt With
Load Transmit Register
Buttons
Added?
All
Buttons
Released?
(A button has been pressed)
Transmit
Stop
No
Yes
No
Yes
Encryption Key
Complete Code
Word Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com