Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS301 Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS301
Description  KEELOQ CODE HOPPING ENCODER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS301 Datasheet HTML 5Page - Microchip Technology HCS301 Datasheet HTML 6Page - Microchip Technology HCS301 Datasheet HTML 7Page - Microchip Technology HCS301 Datasheet HTML 8Page - Microchip Technology HCS301 Datasheet HTML 9Page - Microchip Technology HCS301 Datasheet HTML 10Page - Microchip Technology HCS301 Datasheet HTML 11Page - Microchip Technology HCS301 Datasheet HTML 12Page - Microchip Technology HCS301 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21143A-page 9
HCS301
5.0
SPECIAL FEATURES
5.1
Code Word Completion
Code word completion is an automatic feature that
makes sure that the entire code word is transmitted,
even if the button is released before the transmission is
complete. The HCS301 encoder powers itself up when
a button is pushed and powers itself down after the
command is finished, if the user has already released
the button. If the button is held down beyond the time
for one transmission, then multiple transmissions will
result. If
another
button
is
activated
during
a
transmission, the active transmission will be aborted
and the new code will be generated using the new
button information.
5.2
Blank Alternate Code Word
Federal Communications Commission (FCC) part 15
rules specify the limits on fundamental power and
harmonics that can be transmitted. Power is calculated
on the worst case average power transmitted in a
100ms window. It is therefore advantageous to
minimize the duty cycle of the transmitted word. This
can be achieved by minimizing the duty cycle of the
individual bits and by blanking out consecutive words.
Blank Alternate Code Word (BACW) is used for
reducing
the
average
power
of
a
transmission
(Figure 5-1). This is a selectable feature that is
determined in conjunction with the baudrate selection
bits BSL0 and BSL1. Using the BACW allows the user
to transmit a higher amplitude transmission if the
transmission
length
is
shorter. The
FCC
puts
constraints on the average power that can be
transmitted by a device, and BACW effectively prevents
continuous transmission by only allowing the transmis-
sion of every second or every fourth code word. This
reduces the average power transmitted and hence,
assists in FCC approval of a transmitter device.
5.3
Envelope Encryption Option
Envelope Encryption is a user selectable option which
is meant to offer a higher level of security for a code
hopping system. During a normal transmission with the
envelope encryption turned off, the 28-bit serial number
and function code are transmitted in the clear (unen-
crypted). If envelope encryption is selected, then the
serial number and function code are also encrypted
before transmission. The encryption for the serial num-
ber is done using a different algorithm than the trans-
mission algorithm. The envelope encryption scheme is
not nearly as complex as the KEELOQ algorithm and,
hence, not as secure. When the envelope encryption is
used, the serial number must be decrypted using the
envelope key and envelope decryption. After the serial
number is obtained, the normal decryption method can
be used to decrypt the hopping code.
FIGURE 5-1:
BLANK ALTERNATE CODE WORD (BACW)
One Code Word
BACW Disabled
(All words transmitted)
BACW Enabled
(1 out of 2 transmitted)
BACW Enabled
(1 out of 4 transmitted)
A
2A
4A
100ms
100ms
100ms
100ms
Amplitude
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com