Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515-P Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS515-P
Description  KEELOQ CODE HOPPING DECODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515-P Datasheet(HTML) 1 Page - Microchip Technology

  HCS515-P Datasheet HTML 1Page - Microchip Technology HCS515-P Datasheet HTML 2Page - Microchip Technology HCS515-P Datasheet HTML 3Page - Microchip Technology HCS515-P Datasheet HTML 4Page - Microchip Technology HCS515-P Datasheet HTML 5Page - Microchip Technology HCS515-P Datasheet HTML 6Page - Microchip Technology HCS515-P Datasheet HTML 7Page - Microchip Technology HCS515-P Datasheet HTML 8Page - Microchip Technology HCS515-P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2002 Microchip Technology Inc.
DS40183D-page 1
HCS515
FEATURES
Security
• Encrypted storage of manufacturer’s code
• Encrypted storage of encoder decryption keys
• Up to seven transmitters can be learned code
hopping technology
• Normal and secure learning mechanisms
Operating
• 4.5V – 5.5V operation
• Internal oscillator
• Auto bit rate detection
Other
• Stand-alone decoder
• Internal EEPROM for transmitter storage
• Synchronous serial interface
• 1 Kbit user EEPROM
• 14-pin DIP/SOIC package
Typical Applications
• Automotive remote entry systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage openers
• Electronic door locks
• Identity tokens
• Burglar alarm systems
Compatible Encoders
All encoders and transponders configured for the fol-
lowing setting:
• PWM modulation format (1/3-2/3)
•TE in the range from 100
µs to 400 µs
•10 x TE Header
• 28-bit Serial Number
• 16-bit Synchronization counter
• Discrimination bits equal to Serial Number 8 LSbs
• 66- to 69-bit length code word.
DESCRIPTION
The Microchip Technology Inc. HCS515 is a code hop-
ping decoder designed for secure Remote Keyless
Entry (RKE) systems. The HCS515 utilizes the pat-
ented code hopping system and high security learning
mechanisms to make this a canned solution when used
with the HCS encoders to implement a unidirectional
remote and access control systems. The HCS515 can
be used as a stand-alone decoder or in conjunction
with a microcontroller.
PACKAGE TYPE
BLOCK DIAGRAM
The manufacturer’s code, encoder decryption keys,
and
synchronization
information
are
stored
in
encrypted form in internal EEPROM. The HCS515
uses the S_DAT and S_CLK inputs to communicate
with a host controller device.
The HCS515 operates over a wide voltage range of
4.5V – 5.5V. The decoder employs automatic bit rate
detection, which allows it to compensate for wide vari-
PDIP, SOIC
1
2
3
4
NC
NC
VDD
S1
NC
NC
Vss
RF_IN
5
6
7
14
13
12
11
10
9
8
S0
MCLR
NC
S_CLK
S_DAT
NC
Reception Register
Internal
CONTROL
DECRYPTOR
RFIN
OSCILLATOR
S_DAT
S_CLK
MCLR
EEPROM
EE_DAT
EE_CLK
S0
S1
KEELOQ® Code Hopping Decoder


Similar Part No. - HCS515-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
HCS515-I-P MICROCHIP-HCS515-I-P Datasheet
324Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
HCS515-I-P MICROCHIP-HCS515-I-P Datasheet
313Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
HCS515-I-SL MICROCHIP-HCS515-I-SL Datasheet
324Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
HCS515-I-SL MICROCHIP-HCS515-I-SL Datasheet
313Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
More results

Similar Description - HCS515-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS512 MICROCHIP-HCS512 Datasheet
224Kb / 20P
KEELOQ CODE HOPPING DECODER
1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
KEELOQ Code Hopping Decoder
01/18/02
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
HCS515 MICROCHIP-HCS515 Datasheet
324Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com