Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3204 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3204
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3204 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3204 Datasheet HTML 10Page - Microchip Technology MCP3204 Datasheet HTML 11Page - Microchip Technology MCP3204 Datasheet HTML 12Page - Microchip Technology MCP3204 Datasheet HTML 13Page - Microchip Technology MCP3204 Datasheet HTML 14Page - Microchip Technology MCP3204 Datasheet HTML 15Page - Microchip Technology MCP3204 Datasheet HTML 16Page - Microchip Technology MCP3204 Datasheet HTML 17Page - Microchip Technology MCP3204 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MCP3204/3208
DS21298B-page 14
Preliminary
© 1999 Microchip Technology Inc.
5.0
SERIAL COMMUNICATIONS
Communication with the MCP3204/3208 devices is
done using a standard SPI-compatible serial interface.
Initiating communication with either device is done by
bringing the CS line low. See Figure 5-1. If the device
was powered up with the CS pin low, it must be brought
high and back low to initiate communication. The first
clock received with CS low and D
IN high will constitute
a start bit. The SGL/DIFF bit follows the start bit and will
determine if the conversion will be done using single
ended or differential input mode. The next three bits
(D0, D1 and D2) are used to select the input channel
configuration. Table 5-1 and Table 5-2 show the config-
uration bits for the MCP3204 and MCP3208, respec-
tively. The device will begin to sample the analog input
on the fourth rising edge of the clock after the start bit
has been received. The sample period will end on the
falling edge of the fifth clock following the start bit.
After the D0 bit is input, one more clock is required to
complete the sample and hold period (D
IN is a don’t
care for this clock). On the falling edge of the next clock,
the device will output a low null bit. The next 12 clocks
will output the result of the conversion with MSB first as
shown in Figure 5-1. Data is always output from the
device on the falling edge of the clock. If all 12 data bits
have been transmitted and the device continues to
receive clocks while the CS is held low, the device will
output the conversion result LSB first as shown in
Figure 5-2. If more clocks are provided to the device
while CS is still low (after the LSB first data has been
transmitted), the device will clock out zeros indefinitely.
If necessary, it is possible to bring CS low and clock in
leading zeros on the D
IN line before the start bit. This is
often done when dealing with microcontroller-based
SPI ports that must send 8 bits at a time. Refer to
Section 6.1
for
more
details
on
using
the
MCP3204/3208 devices with hardware SPI ports.
CONTROL BIT
SELECTIONS
INPUT
CONFIGURATION
CHANNEL
SELECTION
SINGLE/
DIFF
D2*
D1
D0
1
X
0
0
single ended
CH0
1
X
0
1
single ended
CH1
1
X
1
0
single ended
CH2
1
X
1
1
single ended
CH3
0
X
0
0
differential
CH0 = IN+
CH1 = IN-
0
X
0
1
differential
CH0 = IN-
CH1 = IN+
0
X
1
0
differential
CH2 = IN+
CH3 = IN-
0
X
1
1
differential
CH2 = IN-
CH3 = IN+
*D2 is don’t care for MCP3204
TABLE 5-1:
Configuration Bits for the MCP3204.
CONTROL BIT
SELECTIONS
INPUT
CONFIGURATION
CHANNEL
SELECTION
SINGLE/
DIFF
D2
D1
D0
1
0
0
0
single ended
CH0
1
0
0
1
single ended
CH1
1
0
1
0
single ended
CH2
1
0
1
1
single ended
CH3
1
1
0
0
single ended
CH4
1
1
0
1
single ended
CH5
1
1
1
0
single ended
CH6
1
1
1
1
single ended
CH7
0
0
0
0
differential
CH0 = IN+
CH1 = IN-
0
0
0
1
differential
CH0 = IN-
CH1 = IN+
0
0
1
0
differential
CH2 = IN+
CH3 = IN-
0
0
1
1
differential
CH2 = IN-
CH3 = IN+
0
1
0
0
differential
CH4 = IN+
CH5 = IN-
0
1
0
1
differential
CH4 = IN-
CH5 = IN+
0
1
1
0
differential
CH6 = IN+
CH7 = IN-
0
1
1
1
differential
CH6 = IN-
CH7 = IN+
TABLE 5-2:
Configuration Bits for the MCP3208.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com