Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USS4450L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USS4450L-TN3-R
Description  TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USS4450L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USS4450L-TN3-R Datasheet HTML 1Page - Unisonic Technologies USS4450L-TN3-R Datasheet HTML 2Page - Unisonic Technologies USS4450L-TN3-R Datasheet HTML 3Page - Unisonic Technologies USS4450L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USS4450
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R209-026.A
50V, 5A NPN LOW VCE(SAT)
TRANSISTOR
DESCRIPTION
The UTC USS4450 is a NPN transistor with low VCEsat. It has
high collector current IC, ICM performance. This device can be used
in power management applications, such as DC/DC converters,
supply line switching, battery charger and linear voltage regulation
(LDO) and peripheral drivers, such as driver in low supply voltage
applications and inductive load driver.
FEATURES
* Less heat dissipation due to high efficiency
* Low collector-emitter saturation voltage
* High collector current capability
* High collector current gain under high collector current condition
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
USS4450L-TN3-R
USS4450G-TN3-R
TO-252
B
C
E
Tape Reel


Similar Part No. - USS4450L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USS4450L-TN3-R UTC-USS4450L-TN3-R Datasheet
219Kb / 4P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
More results

Similar Description - USS4450L-TN3-R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
Transistor transistor logic
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com