Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3419G-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3419G-AE2-R
Description  ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3419G-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3419G-AE2-R Datasheet HTML 1Page - Unisonic Technologies UT3419G-AE2-R Datasheet HTML 2Page - Unisonic Technologies UT3419G-AE2-R Datasheet HTML 3Page - Unisonic Technologies UT3419G-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3419
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-391.F
20V, 3.5A P-CHANNEL
ENHANCEMENT MODE FIELD
EFFECT TRANSISTOR
DESCRIPTION
The UTC UT3419 is a P-channel enhancement MOSFET
providing designers with excellent RDS(ON), low gate charge. The
gate voltage is as low as 2.5V.
The UTC UT3419 can be applied in PWM applications or used
as a load switch.
FEATURES
* RDS(ON) < 75mΩ (VGS = -10V)
RDS(ON) < 95mΩ (VGS = -4.5V)
RDS(ON) < 145mΩ (VGS = -2.5V)
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
UT3419G-AE2-R
SOT-23-3
S
G
D
Tape Reel
UT3419G-AE3-R
SOT-23
S
G
D
Tape Reel
Note: Pin Assignment: S: Source
G: Gate
D: Drain
MARKING
34VG


Similar Part No. - UT3419G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3419G-AE3-R UTC-UT3419G-AE3-R Datasheet
145Kb / 3P
20V, 3.5A P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
UT3419G-AE3-R VBSEMI-UT3419G-AE3-R Datasheet
472Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - UT3419G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4601 AOSMD-AO4601 Datasheet
306Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
ATMEL Corporation
AO4603 ATMEL-AO4603 Datasheet
144Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO5600E AOSMD-AO5600E Datasheet
948Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
logo
Chenmko Enterprise Co. ...
CHM4600JPT CHENMKO-CHM4600JPT Datasheet
320Kb / 3P
Dual Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
Dual Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM7808 CET-CEM7808 Datasheet
587Kb / 7P
Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com