Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6302G-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT6302G-AE3-R
Description  P-CHANNEL ENHANCEMENT MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT6302G-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT6302G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT6302G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT6302G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT6302G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UT6302G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT6302
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-363.F
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (VGS=-4.5V, Ta=25°C)
ID
-0.78
A
Pulsed Drain Current (Note 2)
IDM
-4.9
A
Peak Diode Recovery dv/dt (Note 3)
dv/dt
-5.0
V/nS
Power Dissipation (TA=25°C)
540
mW
Linear Derating Factor above 25°C
PD
4.3
mW /°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
3.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
ISD≤-0.61A, di/dt≤76A/µs, VDD≤V(BR)DSS, TJ=150°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
230
°C/W
Note: Surface Mounted on FR-4 Board, t ≤ 5sec.
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0 V, ID=-250 µA
-20
V
Drain-Source Leakage Current
IDSS
VDS=-16V,VGS=0V
-1.0
µA
Gate-Source Leakage Current
IGSS
VGS=±12 V, VDS=0 V
±100
nA
Drain-Source Breakdown Voltage
△
BVDSS △
/TJ ID=-1mA, Reference to 25°C
-4.9
mV/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID=-250µA
-0.70
-1.5
V
VGS=-4.5V, ID=-0.61A (Note 2)
0.60
Ω
Static Drain-Source On-Resistance
RDS(ON)
VGS=-2.7V, ID=-0.31A (Note 2)
0.90
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
97
pF
Output Capacitance
COSS
53
pF
Reverse Transfer Capacitance
CRSS
VDS=-15V, VGS=0V, f=1.0MHz
28
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
2.4
3.6
nC
Gate Source Charge
QGS
0.56
0.84
nC
Gate Drain Charge
QGD
VGS=-4.5V, VDS=-16V
ID=-0.61A (Note 1, 2)
1.0
1.5
nC
Turn-ON Delay Time
tD(ON)
13
nS
Turn-ON Rise Time
tR
18
nS
Turn-OFF Delay Time
tD(OFF)
22
nS
Turn-OFF Fall-Time
tF
VDD=-10V, ID=-0.61A,
RG=6.2Ω, RD=16Ω (Note 1, 2)
22
nS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=-0.61A, VGS=0V
-1.2
V
Maximum
Continuous
Drain-Source
Diode Forward Current
IS
-0.54
A
Maximum Pulsed Drain-Source Diode
Forward Current (Note 1)
ISM
-4.9
A
Reverse Recovery Time
trr
35
53
nS
Reverse Recovery Charge
QRR
TJ=25°C ,IF=-0.61A,
di/dt=100A/µs (Note 2)
26
39
nC
Notes: 1. Repetitive Rating; Pulse width limited by TJ(MAX).
2. Pulse Width ≤300μs, Duty Cycle ≤2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com