Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6302G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT6302G-AE3-R
Description  P-CHANNEL ENHANCEMENT MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT6302G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT6302G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT6302G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT6302G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT6302G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UT6302G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT6302
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-363.F
TEST CIRCUITS AND WAVEFORMS
(3)
+
-
D.U.T.
-
(2)
+
(1)
RG
(4)
+
-
VGS
(Note 1)
dv/dt controlled by RG
ISD controlled by Duty Factor “D”
D.U.T. – Device Under Test
+
-
VDD
Low Stray Inductance
Ground Plane
Low Leakage Inductance
Current Transformer
Circuit Layout Considerations
(Note 1)
(Note 2)
Peak Diode Recovery dv/dt Test Circuit
ISD
Ripple≤5
Inductor Current
VDD
Body Diode Forward Drop
Body Recovery
dv/dt
D.U.T. VDS Waveform
(3)
(4)
Re-Applied
Voltage
Reverse
Recovery
Current
(2) D.U.T. I
SD Waveform
di/dt
Body Diode Forward Current
VGS=10V
(Note 3)
(1) Driver Gate Drive
P.W.
Period
D= Period
P.W.
Peak Diode Recovery dv/dt Waveforms
1.
Reverse Polarity for P-Channel
2.
Use P-Channel Driver for P-Channel Measurements
Notes:
3.
VGS=5.0V for Logic Level and 3V Drive Devices



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com