Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM341 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM341
Description  Series 3-Terminal Positive Voltage Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM341 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM341_15 Datasheet HTML 4Page - Texas Instruments LM341_15 Datasheet HTML 5Page - Texas Instruments LM341_15 Datasheet HTML 6Page - Texas Instruments LM341_15 Datasheet HTML 7Page - Texas Instruments LM341_15 Datasheet HTML 8Page - Texas Instruments LM341_15 Datasheet HTML 9Page - Texas Instruments LM341_15 Datasheet HTML 10Page - Texas Instruments LM341_15 Datasheet HTML 11Page - Texas Instruments LM341_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LM341/LM78MXX
SNVS090E – MAY 2004 – REVISED AUGUST 2005
www.ti.com
APPLICATION INFORMATION
Note that the case temperature is measured at the point where the leads contact with the mounting pad surface
Figure 14. Cross-sectional view of Integrated Circuit Mounted on a printed circuit board.
The LM78MXX/LM341XX regulators have internal thermal shutdown to protect the device from over-heating.
Under all possible operating conditions, the junction temperature of the LM78MXX/LM341XX must be within the
range of 0°C to 125°C. A heatsink may be required depending on the maximum power dissipation and maximum
ambient temperature of the application. To determine if a heatsink is needed, the power dissipated by the
regulator, PD, must be calculated:
IIN = IL + IG
(1)
PD = (VIN−VOUT) IL + VINIG
(2)
Figure 15 shows the voltages and currents which are present in the circuit.
Figure 15. Power Dissipation Diagram
The next parameter which must be calculated is the maximum allowable temperature rise, TR(max):
θJA = TR (max)/PD
(3)
If the maximum allowable value for
θJA°C/w is found to be ≥60°C/W for TO-220 package or ≥92°C/W for PFM
package, no heatsink is needed since the package alone will dissipate enough heat to satisfy these
requirements. If the calculated value for
θJA fall below these limits, a heatsink is required.
As a design aid, Table 1 shows the value of the
θJA of PFM for different heatsink area. The copper patterns that
we used to measure these
θJA are shown at the end of the Application Note Section. Figure 16 reflects the same
test results as what are in the Table 1
Figure 17 shows the maximum allowable power dissipation vs. ambient temperature for the TO-252 device.
Figure 18 shows the maximum allowable power dissipation vs. copper area (in2) for the TO-252 device. Please
see AN-1028 (SNVA036) for power enhancement techniques to be used with TO-252 package.
8
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM341/LM78MXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com