Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM341 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM341
Description  Series 3-Terminal Positive Voltage Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM341 Datasheet(HTML) 3 Page - Texas Instruments

  LM341_15 Datasheet HTML 1Page - Texas Instruments LM341_15 Datasheet HTML 2Page - Texas Instruments LM341_15 Datasheet HTML 3Page - Texas Instruments LM341_15 Datasheet HTML 4Page - Texas Instruments LM341_15 Datasheet HTML 5Page - Texas Instruments LM341_15 Datasheet HTML 6Page - Texas Instruments LM341_15 Datasheet HTML 7Page - Texas Instruments LM341_15 Datasheet HTML 8Page - Texas Instruments LM341_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM341/LM78MXX
www.ti.com
SNVS090E – MAY 2004 – REVISED AUGUST 2005
LM341-12, LM78M12C ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VIN = 19V, CIN = 0.33 μF, CO = 0.1 μF
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the −40°C to +125°C operating
temperature range. Limits are specified by production testing or correlation techniques using standard Statistical Quality
Control (SQC) methods.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
IL= 500 mA
11.5
12
12.5
V
5 mA
≤ IL ≤ 500 mA
11.4
12
12.6
PD ≤ 7.5W, 14.8V ≤ VIN ≤ 27V
VR LINE
Line Regulation
14.5V
≤ VIN ≤ 30V
IL = 100 mA
120
mV
IL = 500 mA
240
VR LOAD
Load Regulation
5 mA
≤ IL ≤ 500 mA
240
IQ
Quiescent Current
IL = 500 mA
4
10.0
mA
ΔIQ
Quiescent Current Change
5 mA
≤ IL ≤ 500 mA
0.5
14.8V
≤ VIN ≤ 30V, IL = 500 mA
1.0
Vn
Output Noise Voltage
f = 10 Hz to 100 kHz
75
μV
ΔVIN/ΔVO
Ripple Rejection
f = 120 Hz, IL = 500 mA
71
dB
VIN
Input Voltage Required to Maintain
IL = 500 mA
14.5
V
Line Regulation
ΔVO
Long Term Stability
IL = 500 mA
48
mV/khrs
LM341-15, LM78M15C ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VIN = 23V, CIN = 0.33 μF, CO = 0.1 μF
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the −40°C to +125°C operating
temperature range. Limits are specified by production testing or correlation techniques using standard Statistical Quality
Control (SQC) methods.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
IL= 500 mA
14.4
15
15.6
V
5 mA
≤ IL ≤ 500 mA
14.25
15
15.75
PD ≤ 7.5W, 18V ≤ VIN ≤ 30V
VR LINE
Line Regulation
17.6V
≤ VIN ≤ 30V
IL = 100 mA
150
mV
IL = 500 mA
300
VR LOAD
Load Regulation
5 mA
≤ IL ≤ 500 mA
300
IQ
Quiescent Current
IL = 500 mA
4
10.0
mA
ΔIQ
Quiescent Current Change
5 mA
≤ IL ≤ 500 mA
0.5
18V
≤ VIN ≤ 30V, IL = 500 mA
1.0
Vn
Output Noise Voltage
f = 10 Hz to 100 kHz
90
μV
ΔVIN/ΔVO
Ripple Rejection
f = 120 Hz, IL = 500 mA
69
dB
VIN
Input Voltage Required to Maintain
IL = 500 mA
17.6
V
Line Regulation
ΔVO
Long Term Stability
IL = 500 mA
60
mV/khrs
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM341/LM78MXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com