Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C717 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16C717
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C717 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16C717 Datasheet HTML 17Page - Microchip Technology PIC16C717 Datasheet HTML 18Page - Microchip Technology PIC16C717 Datasheet HTML 19Page - Microchip Technology PIC16C717 Datasheet HTML 20Page - Microchip Technology PIC16C717 Datasheet HTML 21Page - Microchip Technology PIC16C717 Datasheet HTML 22Page - Microchip Technology PIC16C717 Datasheet HTML 23Page - Microchip Technology PIC16C717 Datasheet HTML 24Page - Microchip Technology PIC16C717 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 200 page
background image
PIC16C717/770/771
© 1999 Microchip Technology Inc.
Advanced Information
DS41120A-page 21
2.2.2.6
PIE2 REGISTER
This register contains the individual enable bits for the
SSP bus collision and low voltage detect interrupts.
REGISTER 2-6:
PERIPHERAL INTERRUPT REGISTER 2 (PIE2: 8Dh)
R/W-0
U-0
U-0
U-0
R/W-0
U-0
U-0
U-0
LVDIE
—
—
—BCLIE
—
—
—
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
LVDIE: Low-voltage Detect Interrupt Enable bit
1
= LVD Interrupt is enabled
0
= LVD Interrupt is disabled
bit 6-4:
Unimplemented: Read as ’0’
bit 3:
BCLIE: Bus Collision Interrupt Enable bit
1
= Bus Collision interrupt is enabled
0
= Bus Collision interrupt is disabled
bit 2-0:
Unimplemented: Read as ’0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com