Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925 Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16C925
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925 Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16C925 Datasheet HTML 82Page - Microchip Technology PIC16C925 Datasheet HTML 83Page - Microchip Technology PIC16C925 Datasheet HTML 84Page - Microchip Technology PIC16C925 Datasheet HTML 85Page - Microchip Technology PIC16C925 Datasheet HTML 86Page - Microchip Technology PIC16C925 Datasheet HTML 87Page - Microchip Technology PIC16C925 Datasheet HTML 88Page - Microchip Technology PIC16C925 Datasheet HTML 89Page - Microchip Technology PIC16C925 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 182 page
background image
PIC16C925/926
DS39544A-page 84
Preliminary
 2001 Microchip Technology Inc.
FIGURE 11-1:
LCD MODULE BLOCK DIAGRAM
REGISTER 11-2:
LCDPS REGISTER (ADDRESS 10Eh)
COM3:COM0
32 x 4
Clock
Source
Timing Control
Data Bus
Select
and
Divide
Internal RC osc
FOSC/4
T1CKI
RAM
128
to
32
MUX
SEG<31:0>
To I/O Pads
To I/O Pads
LCDCON
LCDPS
LCDSE
LCD
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
LP3
LP2
LP1
LP0
bit 7
bit 0
bit 7-4
Unimplemented: Read as '0'
bit 3-0
LP<3:0>: Frame Clock Prescale Selection bits (see Section 11.1.2)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
LMUX1:LMUX0
Multiplex
Frame Frequency
00
Static
Clock source/(128 * (LP3:LP0 + 1))
01
1/2
Clock source/(128 * (LP3:LP0 + 1))
10
1/3
Clock source/(96 * (LP3:LP0 + 1))
11
1/4
Clock source/(128 * (LP3:LP0 + 1))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com