Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16C925
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16C925 Datasheet HTML 9Page - Microchip Technology PIC16C925 Datasheet HTML 10Page - Microchip Technology PIC16C925 Datasheet HTML 11Page - Microchip Technology PIC16C925 Datasheet HTML 12Page - Microchip Technology PIC16C925 Datasheet HTML 13Page - Microchip Technology PIC16C925 Datasheet HTML 14Page - Microchip Technology PIC16C925 Datasheet HTML 15Page - Microchip Technology PIC16C925 Datasheet HTML 16Page - Microchip Technology PIC16C925 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 11
PIC16C925/926
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC16C925/926 family has a 13-bit program
counter capable of addressing an 8K x 14 program
memory space.
For the PIC16C925, only the first 4K x 14 (0000h-
0FFFh) are physically implemented. Accessing a loca-
tion above the physically implemented addresses will
cause a wraparound. The RESET vector is at 0000h
and the interrupt vector is at 0004h.
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR
PIC16C925
FIGURE 2-2:
PROGRAM MEMORY MAP
AND STACK FOR
PIC16C926
PC<12:0>
13
Stack Level 1
Stack Level 8
CALL, RETURN
RETFIE, RETLW
2000h
2003h
2004h
2007h
3FFFh
Stack Level 2
0000h
0004h
0005h
RESET Vector
Interrupt Vector
On-chip
1FFFh
Program
Memory
Page 0
Page 1
07FFh
0800h
0FFFh
1000h
Reads
0000h-0FFFh
ID Locations
Configuration Word
Reserved
Reserved
PC<12:0>
13
Stack Level 1
Stack Level 8
CALL, RETURN
RETFIE, RETLW
ID Locations
Configuration Word
Reserved
Reserved
2000h
2003h
2004h
2007h
3FFFh
Stack Level 2
0000h
0004h
0005h
RESET Vector
Interrupt Vector
On-chip
1FFFh
Program
Memory
Page 0
Page 1
Page 2
Page 3
07FFh
0800h
0FFFh
1000h
17FFh
1800h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com