Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS138G-AE2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BSS138G-AE2-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BSS138G-AE2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BSS138G-AE2-R Datasheet HTML 1Page - Unisonic Technologies BSS138G-AE2-R Datasheet HTML 2Page - Unisonic Technologies BSS138G-AE2-R Datasheet HTML 3Page - Unisonic Technologies BSS138G-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BSS138
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-271.F
TYPICAL CHARACTERISTICS
Drain-Source On-State Resistance
Characteristics
Gate to Source Voltage, VGS (V)
Drain Current vs. Drain-Source Breakdown
Voltage
Drain Source Breakdown Voltage, BVDSS (V)
0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage, VSD (V)
0
0.5
1.0
1.5
2.0
0
0.2
0.4
0.6
0.8
1.0
VGS=10V
ID=2.22A
VGS=4.5V
ID=2.22A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
0
50
100
150
200
0
204060
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
01
23
4
Drain to Source Voltage, VDS (V)
VG=2V
VG=4V
VG=6V
VG=8V
VG=10V
On-State Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
2.5
3
3.5
4
25°С
125°С
Gate to Source Voltage, VGS (V)
Transfer Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com