Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS138G-AE2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BSS138G-AE2-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BSS138G-AE2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  BSS138G-AE2-R Datasheet HTML 1Page - Unisonic Technologies BSS138G-AE2-R Datasheet HTML 2Page - Unisonic Technologies BSS138G-AE2-R Datasheet HTML 3Page - Unisonic Technologies BSS138G-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BSS138
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 3
www.unisonic.com.tw
QW-R502-271.F
TYPICAL CHARACTERISTICS (Cont.)
10-3
Drain-Source Voltage, VDS (V)
101
1
100
Safe Operating Area
Notes:
1. TJ=25°C
2. TJ=150°C
3. Single Pulse
Operation in This Area is Limited by RDS(on)
DC
10ms
100µs
102
10-2
10-1
100
1ms
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response Curve
10-5
10-4
10-3
10-2
10-1
100
101
Notes:
1. θJA (t) = 350°C/W Max.
2. Duty Factor, D=t1/t2
3. TJM-TC=PDM×θJC (t)
0.01
Single Pulse
0.02
0.05
0.1
D=0.5
0.2
10-3
10-2
10-1
100
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com