Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT20N03G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT20N03G-TN3-R
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT20N03G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT20N03G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT20N03G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT20N03G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT20N03G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UT20N03G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UT20N03G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UT20N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-139.D
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =250µA
30
V
Drain-Source Leakage Current
IDSS
VDS =30V,VGS =0V
1
µA
Gate-Source Leakage Current
IGSS
VDS =0 V, VGS = ±20V
±100
nA
ON CHARACTERISTICS
Gate-Threshold Voltage
VGS(TH)
VDS =VGS, ID =25 µA
1.2
1.6
2
V
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID =15A
22.9
31
mΩ
VGS=10V, ID =15A
15.5
20
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS =25 V, VGS =0V, f=1MHz
530
700
pF
Output Capacitance
COSS
200
275
Reverse Transfer Capacitance
CRSS
60
90
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VGS=10V,VDD=15V, RG=12.7Ω,
ID=15A
6.2
9.3
ns
Turn-On Rise Time
tR
11
17
Turn-Off Delay Time
tD(OFF)
23
24
Turn-Off Fall-Time
tF
18
27
Gate-Source Charge
QGS
VDD=15V,ID=15A
2.5
3.1
nC
Gate-Drain Charge
QGD
6.4
9.6
Gate Charge Total
QG
VDD=15V,ID=15A, VGS=0~5V
8.4
11
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS=0V,IF=30A
1.1
1.4
V
Maximum Continuous Drain-Source
Diode Forward Current
IS
30
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
120
Reverse Recovery Time
tRR
VR=15V,IF=IS, dIF/dt=100A/μs
15
18
ns
Reverse Recovery Charge
QRR
2
3
nC
Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. ID = 15A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C
3. IS=30A, VDS=24V, di/dt=200A/μs, TJ(MAX)=175°C
4. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com