Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT20N03G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT20N03G-TN3-R
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT20N03G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT20N03G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT20N03G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT20N03G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT20N03G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UT20N03G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UT20N03G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT20N03
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-139.D
N-CHANNEL
ENHANCEMENT MODE
FEATURES
* RDS(ON) < 20mΩ @ VGS=10V, ID =15A
* Low capacitance
* Optimized gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
UT20N03L-TN3-R
UT20N03G-TN3-R
TO-252
G D S
-
-
-
-
-
Tape Reel
-
UT20N03G-K08-5060-R
DFN-8(5×6)
S S S G D D D D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
TO-252
DFN-8(5×6)


Similar Part No. - UT20N03G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT20N03 UTC-UT20N03 Datasheet
188Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
Inchange Semiconductor ...
UT20N03 ISC-UT20N03 Datasheet
249Kb / 2P
Isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
UT20N03-TN3-R UTC-UT20N03-TN3-R Datasheet
188Kb / 4P
N-CHANNEL ENHANCEMENT MODE
UT20N03-TN3-T UTC-UT20N03-TN3-T Datasheet
188Kb / 4P
N-CHANNEL ENHANCEMENT MODE
UT20N03L-TN3-R UTC-UT20N03L-TN3-R Datasheet
188Kb / 4P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT20N03G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com