Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT06P03L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT06P03L-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT06P03L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT06P03L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT06P03L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT06P03L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT06P03L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UT06P03L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UT06P03L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UT06P03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-156.D
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
-4
A
Pulsed Drain Current (Note 1, 2)
IDM
-20
A
Total Power Dissipation (TA = 25°C)
SOT-89
PD
0.78
W
SOT-26
0.41
W
TO-252
1
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MAX
UNIT
Junction to Ambient
SOT-89
θJA
160
°C/W
SOT-26
300
°C/W
TO-252
110
°C/W
Junction to Case
SOT-89
θJC
18
°C/W
SOT-26
110
°C/W
TO-252
7.93
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com