Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT06P03L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT06P03L-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT06P03L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT06P03L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT06P03L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT06P03L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT06P03L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UT06P03L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UT06P03L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UT06P03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-156.D
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =-250µA
-30
V
Drain-Source Leakage Current
IDSS
VDS =-24V, VGS =0 V
1
µA
Gate-Source Leakage Current
IGSS
VDS =0 V, VGS = ±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =-250 µA
-0.9
-1.5
-3
V
Drain-Source On-State Resistance (Note 2)
RDS(ON)
VGS =-4.5V, ID =-3A
60
75
mΩ
VGS =-10V, ID =-4A
37
45
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS =-15V, VGS =0V, f=1MHz
530
pF
Output Capacitance
COSS
135
Reverse Transfer Capacitance
CRSS
70
SWITCHING PARAMETERS
Turn-ON Delay Time (Note 2)
tD(ON)
VGS=-10V,VDS=-15V,RG=6Ω,
ID=-1A
5.7
ns
Turn-ON Rise Time
tR
10
Turn-OFF Delay Time
tD(OFF)
18
Turn-OFF Fall Time
tF
5
Total Gate Charge (Note 2)
QG
VDS=0.5BVDSS, VGS =-10V,
ID =-4A
10
14
nC
Gate-Source Charge
QGS
2.2
Gate-Drain Charge
QGD
2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IF = -1A, VGS = 0V
-1.2
V
Maximum Body-Diode Continuous Current
IS
-2.1
A
Maximum Pulsed Drain-Source Diode
Forward Current (Note 1)
ISM
-4
Reverse Recovery Time
tRR
IF=-4 A, dIF/dt=100A/μs
15.5
ns
Recovery Charge
QRR
7.9
nC
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com