Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C745/P Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC16C745/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745/P Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC16C745/P Datasheet HTML 30Page - Microchip Technology PIC16C745/P Datasheet HTML 31Page - Microchip Technology PIC16C745/P Datasheet HTML 32Page - Microchip Technology PIC16C745/P Datasheet HTML 33Page - Microchip Technology PIC16C745/P Datasheet HTML 34Page - Microchip Technology PIC16C745/P Datasheet HTML 35Page - Microchip Technology PIC16C745/P Datasheet HTML 36Page - Microchip Technology PIC16C745/P Datasheet HTML 37Page - Microchip Technology PIC16C745/P Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 158 page
background image
PIC16C745/765
DS41124A-page 34
Advanced Information
© 1999 Microchip Technology Inc.
TABLE 5-3:
PORTB FUNCTIONS
TABLE 5-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Function
Input
Type
Output
Type
Description
RB0/INT
RB0
TTL
CMOS
Bi-directional I/O
INT
ST
—
Interrupt
RB1
RB1
TTL
CMOS
Bi-directional I/O
RB2
RB2
TTL
CMOS
Bi-directional I/O
RB3
RB3
TTL
CMOS
Bi-directional I/O
RB4
RB4
TTL
CMOS
Bi-directional I/O with Interrupt on Change
RB5
RB5
TTL
CMOS
Bi-directional I/O with Interrupt on Change
RB6/ICSPC
RB6
TTL
CMOS
Bi-directional I/O with Interrupt on Change
ICSPC
ST
In-Circuit Serial Programming Clock input
RB7/ICSPD
RB7
TTL
CMOS
Bi-directional I/O with Interrupt on Change
ICSPD
ST
CMOS
In-Circuit Serial Programming Data I/O
Legend:
OD = open drain, ST = Schmitt Trigger
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
06h, 106h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
86h, 186h
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
81h, 181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com