Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C745/P Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16C745/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745/P Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16C745/P Datasheet HTML 93Page - Microchip Technology PIC16C745/P Datasheet HTML 94Page - Microchip Technology PIC16C745/P Datasheet HTML 95Page - Microchip Technology PIC16C745/P Datasheet HTML 96Page - Microchip Technology PIC16C745/P Datasheet HTML 97Page - Microchip Technology PIC16C745/P Datasheet HTML 98Page - Microchip Technology PIC16C745/P Datasheet HTML 99Page - Microchip Technology PIC16C745/P Datasheet HTML 100Page - Microchip Technology PIC16C745/P Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 97
PIC16C745/765
13.2.4
EXTERNAL CLOCK IN
In EC mode, users may directly drive the PIC16C745/
765 provided that this external clock source meets the
AC/DC timing requirements listed in Section 17.4.
Figure 13-2 below shows how an external clock circuit
should be configured.
FIGURE 13-2: EXTERNAL CLOCK INPUT
OPERATION (EC OSC
CONFIGURATION)
13.2.5
E4 MODE
In E4 mode, a PLL module is switched on in-line with
the clock provided to OSC1. The output of the PLL
drives FINT.
FIGURE 13-3: OSCILLATOR/PLL CLOCK CONTROL
13.3
Reset
The PIC16CXX differentiates between various kinds of
reset:
• Power-on Reset (POR)
•MCLR reset during normal operation
•MCLR reset during SLEEP
• WDT Reset (normal operation)
• Brown-out Reset (BOR)
Some registers are not affected in any reset condition;
their status is unknown on POR and unchanged in any
other reset. Most other registers are reset to a “reset
state” on POR, on the MCLR and WDT Reset, on
MCLR reset during SLEEP, and on BOR. The TO and
PD bits are set or cleared differently in different reset
situations as indicated in Table 13-4. These bits are
used in software to determine the nature of the reset.
See Table 13-7 for a full description of reset states of all
registers.
A simplified block diagram of the on-chip reset circuit is
shown in Figure 13-4.
The PICmicro® devices have a MCLR noise filter in the
MCLR reset path. The filter will detect and ignore small
pulses.
It should be noted that a WDT reset does not drive
MCLR pin low.
Clock from
ext. system
PIC16C745/765
OSC1
OSC2/CLKOUT
CLKOUT
Note: CLKOUT is the same frequency as OSC1 if
in E4 mode, otherwise CLKOUT = OSC1/4.
OSC2
OSC1
EC
E4
HS
H4
4x PLL
6 MHz
Q Clock
Generator
To Circuits
24 MHz
FINT
EC
E4
HS
H4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com