Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4410G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT4410G-S08-R
Description  N-CHANNEL 30-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4410G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT4410G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4410G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4410G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4410G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT4410
Power MOSFET
DJL
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-238.B
ABSOLUTE MAXIMUM RATINGS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
11.6
A
Pulsed Drain Current
IDM
46.4
A
Power Dissipation
PD
3.6
W
Junction Temperature
TJ
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
Note: The device mounted on 1in
2 FR4 board with 2 oz copper
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
1
µA
Gate-Source Leakage Current
IGSS
VGS=±20V, VDS=0V
±100 nA
ON CHARACTERISTICS
Gate-Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.3
1.6
3.0
V
Static Drain–Source On–Resistance(Note)
RDS(ON)
VGS=10V, ID=10A
12
18
mΩ
VGS=4.5V, ID=8A
17
20
On-State Drain Current(Note)
ID(ON)
VDS= 5V, VGS=10V
20
A
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=15V, VGS=0V, f=1.0MHz
700 800
pF
Output Capacitance
COSS
120
pF
Reverse Transfer Capacitance
CRSS
35
pF
Gate Resistance
RG
VDS=0V, VGS =0V, f=1.0MHz
0.9
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDD=25V, ID=1A, RL=25Ω
VGEN=10V, RG=6Ω
14
32
ns
Turn-ON Rise Time
tR
12
64
ns
Turn-OFF Delay Time
tD(OFF)
43
280
ns
Turn-OFF Fall-Time
tF
4
192
ns
Total Gate Charge
QG
VDS=15V, VGS=4.5V, ID=10A
11
15
nC
Total Gate Charge
QGT
VDS=15V, VGS=10V, ID=10A
20
26
nC
Gate Source Charge
QGS
5
nC
Gate Drain Charge
QGD
4.9
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=2.3 A,VGS=0V
0.7
1.1
V
Note: Pulse test; pulse width ≤ 300us, duty cycle≤ 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com