Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4410G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4410G-S08-R
Description  N-CHANNEL 30-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4410G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4410G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4410G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4410G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4410G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4410
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-238.B
N-CHANNEL 30-V (D-S) MOSFET
DESCRIPTION
As advanced N-channel logic level enhancement MOSFET, the
UT4410
is produced using UTC’s high cell density, DMOS trench
technology. which has been specially tailored to minimize the
on-resistance and maintain low gate charge for superior switching
performance.
These devices can be particularly suited for such low voltage
applications:
cellular
phone
and
notebook
computer
power
management and other battery powered circuits where high-side
switching and low in-line power loss are needed in a very small outline
surface mount package.
FEATURES
* RDS(ON) < 18 mΩ @ VGS=10V, ID=10A
* RDS(ON) < 20 mΩ @ VGS=4.5V, ID=8A
* Ultra low gate charge ( typical 11 nC )
* Low reverse transfer capacitance ( CRSS = typical 35 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
12
3
456
7
8
UT4410G-S08-R
SOP-8
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UT4410G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4410G-S08-R UTC-UT4410G-S08-R Datasheet
224Kb / 5P
N-CHANNEL 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UT4410G-S08-R VBSEMI-UT4410G-S08-R Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
More results

Similar Description - UT4410G-S08-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com