Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF745 Datasheet(PDF) 83 Page - Microchip Technology

Part # CF745
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CF745 Datasheet(HTML) 83 Page - Microchip Technology

Back Button CF745 Datasheet HTML 79Page - Microchip Technology CF745 Datasheet HTML 80Page - Microchip Technology CF745 Datasheet HTML 81Page - Microchip Technology CF745 Datasheet HTML 82Page - Microchip Technology CF745 Datasheet HTML 83Page - Microchip Technology CF745 Datasheet HTML 84Page - Microchip Technology CF745 Datasheet HTML 85Page - Microchip Technology CF745 Datasheet HTML 86Page - Microchip Technology CF745 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 83
PIC16C54/55/56/57
PIC16C5X
FIGURE 12-5: TYPICAL IPD vs. VDD,
WATCHDOG DISABLED
FIGURE 12-6: MAXIMUM IPD vs. VDD,
WATCHDOG DISABLED
2.5
2.0
1.5
1.0
0.5
0.0
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VDD (Volts)
T = 25
°C
0
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VDD (Volts)
1
6.5 7.0
10
100
+85˚C
0˚C
–40˚C
–55˚C
+125˚C
+70˚C
FIGURE 12-7: TYPICAL IPD vs. VDD,
WATCHDOG ENABLED
FIGURE 12-8: MAXIMUM IPD vs. VDD,
WATCHDOG ENABLED
20
16
12
8
4
0
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VDD (Volts)
2
6
10
14
18
T = 25
°C
+70
°C
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (Volts)
6.5
7.0
40
60
+85
°C
–40
°C
–55
°C
10
20
30
50
IPD, with WDT enabled, has two components:
The leakage current which increases with higher temperature
and the operating current of the WDT logic which increases
with lower temperature. At –40
°C, the latter dominates
explaining the apparently anomalous behavior.
+125
°C
0
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com