Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF745 Datasheet(PDF) 17 Page - Microchip Technology

Part # CF745
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CF745 Datasheet(HTML) 17 Page - Microchip Technology

Back Button CF745 Datasheet HTML 13Page - Microchip Technology CF745 Datasheet HTML 14Page - Microchip Technology CF745 Datasheet HTML 15Page - Microchip Technology CF745 Datasheet HTML 16Page - Microchip Technology CF745 Datasheet HTML 17Page - Microchip Technology CF745 Datasheet HTML 18Page - Microchip Technology CF745 Datasheet HTML 19Page - Microchip Technology CF745 Datasheet HTML 20Page - Microchip Technology CF745 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 17
PIC16C5X
4.2
Data Memory Organization
Data memory is composed of registers, or bytes of
RAM. Therefore, data memory for a device is specified
by its register file. The register file is divided into two
functional groups: special function registers and
general purpose registers.
The special function registers include the TMR0
register, the Program Counter (PC), the Status
Register, the I/O registers (ports), and the File Select
Register (FSR). In addition, special purpose registers
are used to control the I/O port configuration and
prescaler options.
The general purpose registers are used for data and
control information under command of the instructions.
For the PIC16C52, PIC16C54s, PIC16CR54s,
PIC16C56s and PIC16CR56s, the register file is
composed of 7 special function registers and 25
general purpose registers (Figure 4-5).
For the PIC16C55s, the register file is composed of 8
special function registers and 24 general purpose
registers.
For the PIC16C57s and PIC16CR57s, the register file
is composed of 8 special function registers, 24 general
purpose registers and up to 48 additional general
purpose registers that may be addressed using a
banking scheme (Figure 4-6).
For the PIC16C58s and PIC16CR58s, the register file
is composed of 7 special function registers, 25 general
purpose registers and up to 48 additional general
purpose registers that may be addressed using a
banking scheme (Figure 4-7).
4.2.1
GENERAL PURPOSE REGISTER FILE
The register file is accessed either directly or indirectly
through the file select register FSR (Section 4.7).
FIGURE 4-5:
PIC16C52, PIC16C54s,
PIC16CR54s, PIC16C55s,
PIC16C56s, PIC16CR56s
REGISTER FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
PORTA
PORTB
General
Purpose
Registers
Note
1:
Not a physical register. See Section 4.7
2:
PIC16C55s only, others are a general
purpose register.
0Fh
10h
PORTC(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com