Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # AX
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

AX Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  AX Datasheet HTML 1Page - RUBYCON CORPORATION AX Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AX
SERIES
AX
105℃ Ultra Miniaturized
◆FEATURES
・Suitable for AC‐adapter of portable device.
・Load Life: 105℃, 1000∼2000 hours.
・RoHS compliance.
◆PART NUMBER
□□□
Rated Voltage
AX
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□
Capacitance
M
Capacitance Tolerance
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
6.
3∼35, 400Vdc
±20%
(20℃,
120Hz)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
12
6.3
12
8
12
10
10
400
222
10
16
2
8
25
2
6
35
26
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for specified time at 105℃,
the capacitors shall meet the following requirements.
(120Hz)
Case Size
L≦7.5
L≧9
Life Time
(hrs)
1000
2000
Rated Voltage
(Vdc)
6.3∼35Vdc
Ⅰ=0.01CV or 3μA whichever is greater.
(After 2 minutes application of rated voltage)
Ⅰ=0.04CV+100μA
(After 1 minute application of rated voltage)
400Vdc
tanδ
0.22
6.3
0.25
400
0.19
10
0.16
16
0.14
25
0.12
35
0.20
8
(20℃,
120Hz)
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
6.3∼35Vdc
Coefficient
120
1k
10k
100k≦
0.21
0.36
0.55
0.60
0.73
0.73
0.77
0.80
0.92
0.92
0.94
0.96
1.00
1.00
1.00
1.00
68∼82uF
150∼270uF
330∼750uF
820∼1200uF
Frequency
(Hz)
400Vdc
Coefficient
60(50)
120
500
1k
10k≦
0.65
0.80
1.00
1.00
1.20
1.20
1.30
1.30
1.50
1.50
4.7∼8.2μF
10∼24μF
◆OPTION
Ⅰ=0.02CV+25μA
(After 5 minutes application of rated voltage)
UPGRADE
PET Sleeve
Code
EFC


Similar Description - AX

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com