Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # AX
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

AX Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  AX Datasheet HTML 1Page - RUBYCON CORPORATION AX Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
0.5
0.6
10 12.5
8
3.5
5.0
6.3∼35Vdc:
α=1.5
400Vdc:L≦10.8:
α=1.5
    L≧12.5:
α=2.0
6.3
2.5
5
2.0
φD
〈L≧9〉
φd
F
α
0.45
1.0
6.3
2.5
8
3.5
5
2.0
φD
〈L≦7.5〉
φd
F
α
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AX
◆STANDARD SIZE
82
220
470
680
820
1000
1200
75
200
390
430
620
750
910
1100
68
180
330
390
560
680
820
1000
5×7
6.3×7
5×11
8×7.5
6.3×11
8×9
8×10.8
8×16
10×9
10×12.5
5×7
6.3×7
5×11
8×7.5
6.3×11
8×9
8×10.8
8×16
10×9
10×12.5
5×7
6.3×7
5×11
8×7.5
6.3×11
8×9
8×10.8
8×16
10×9
10×12.5
510
720
800
1080
1140
1360
1600
2010
1540
1970
510
720
800
1080
1140
1360
1600
2010
1540
1970
510
720
800
1080
1140
1360
1600
2010
1540
1970
0.25
0.13
0.14
0.065
0.067
0.049
0.042
0.027
0.036
0.025
0.25
0.13
0.14
0.065
0.067
0.049
0.042
0.027
0.036
0.025
0.25
0.13
0.14
0.065
0.067
0.049
0.042
0.027
0.036
0.025
Rated Voltage
(Vdc)
6.3
8
10
Capacitance
(μF)
Size
φD×L(mm)
Impedance
(Ω MAX/20℃,100kHz)
Rated ripple current
(mA r.m.s./105°C,100kHz)
390
470
560
680
1000
220
270
390
470
680
150
180
220
270
390
8×9
8×10.8
8×16
10×9
10×12.5
10×16
8×9
8×10.8
8×16
10×9
10×12.5
10×16
8×9
8×10.8
8×16
10×9
10×12.5
10×16
1360
1600
2010
1540
1970
2480
1360
1600
2010
1540
1970
2480
1360
1600
2010
1540
1970
2480
0.049
0.042
0.027
0.036
0.025
0.019
0.049
0.042
0.027
0.036
0.025
0.019
0.049
0.042
0.027
0.036
0.025
0.019
Rated Voltage
(Vdc)
16
25
35
Capacitance
(μF)
Size
φD×L(mm)
Impedance
(Ω MAX/20℃,100kHz)
Rated ripple current
(mA r.m.s./105°C,100kHz)
4.7
6.8
7.5
8.2
10
12
15
18
22
24
6.3×14
8×9
8×10.8
8×10.8
8×16
10×9
8×16
10×12.5
10×12.5
8×20
8×20
10×16
10×16
12.5×16
12.5×16
50
70
75
85
90
100
110
120
130
150
150
180
190
Rated Voltage
(Vdc)
400
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105°C,120Hz)
L+αMAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com