Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDF Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # CDF
Description  ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

CDF Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  CDF_15 Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
CDF
SERIES
CDF
CDF series is designed, manufactured and intended solely for use in signal light with
strobe-flash.
This is not intended for use in medical equipment.
Rubycon Corporation, Rubycon America, Inc., and Shin-Ei Capacitor Foil Company, Ltd.
expressly disclaim any warranties or representations as to
the suitability or fitness of this capacitor for use in medical equipment.
For Rapid Strobe Flash applications
◆CAUTION
◆FEATURES
・Long life under rapid charge and discharge use.
0.07(25℃,
120Hz)
◆SPECIFICATIONS
−10∼+20% (25℃, 120Hz)
−25∼+70℃
Charge and discharge at rated voltage at 45℃ in every 1 second for 1 million times via Xe flash tube.
Storage without voltage applied at 70℃ for 500 hours and measured at 25℃±5℃ after voltage processing in JIS C 5101-4 item 4.1.
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Withstand Voltage
Leakage Current(MAX)
Shelf Life
Items
Characteristics
(tanδ)
Dissipation Factor(MAX)
Charge and Discharge
450Vdc
500Vdc
360Vdc
390Vdc
I=3 CV(After 5 minutes application of rated voltage)
Vdc
Cap(μF)
40
50
60
80
100
120
150
200
300
400
22×40
22×30
22×50
25×39
25×30
25×45
25×51
35×51
35×66
22×50
22×40
22×35
25×45
25×39
25×35
25×55
30×41
30×45
30×65
30×45
30×51
30×51
30×65
35×45
35×56
35×66
◆STANDARD SIZE
φD
22
25
35
360
22
25
30
30
35
450
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
Case Size φD+1MAX×L±2(mm)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±10% of the initial value.
Not more than 150% of the specified value.
Not more than 300% of the specified value.
Leakage Current
Dissipation Factor
Capacitance Change
Within ±10% of the initial value.
Not more than 150% of the specified value.
Not more than 200% of the specified value.
・RoHS compliance.


Similar Part No. - CDF_15

ManufacturerPart #DatasheetDescription
logo
I.L.M.E. S.p.A.
CDFD1.5 ILME-CDFD1.5 Datasheet
70Kb / 2P
10A CD contacts, gold plated, 1,50mmq, AWG 16
logo
Tyco Electronics
CDFS1004 MACOM-CDFS1004 Datasheet
257Kb / 2P
CDFS Series
CDFS1004-A MACOM-CDFS1004-A Datasheet
210Kb / 2P
CDFS Series
CDFS1028 MACOM-CDFS1028 Datasheet
210Kb / 2P
CDFS Series
CDFS1028 MACOM-CDFS1028 Datasheet
257Kb / 2P
CDFS Series
More results

Similar Description - CDF_15

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
CDF RUBYCON-CDF Datasheet
52Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
FKX RUBYCON-FKX Datasheet
60Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
logo
Renesas Technology Corp
CY20AAJ-8 RENESAS-CY20AAJ-8 Datasheet
159Kb / 5P
Nch IGBT for Strobe Flash
CY25CAH-8F RENESAS-CY25CAH-8F Datasheet
52Kb / 5P
Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE Datasheet
103Kb / 5P
Nch IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
Nch IGBT for Strobe Flash
logo
RUBYCON CORPORATION
SF RUBYCON-SF_15 Datasheet
256Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
FK RUBYCON-FK Datasheet
380Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
FKX RUBYCON-FKX_15 Datasheet
379Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
FW RUBYCON-FW Datasheet
149Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com