Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F870/P Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC16F870/P
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/P Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC16F870/P Datasheet HTML 62Page - Microchip Technology PIC16F870/P Datasheet HTML 63Page - Microchip Technology PIC16F870/P Datasheet HTML 64Page - Microchip Technology PIC16F870/P Datasheet HTML 65Page - Microchip Technology PIC16F870/P Datasheet HTML 66Page - Microchip Technology PIC16F870/P Datasheet HTML 67Page - Microchip Technology PIC16F870/P Datasheet HTML 68Page - Microchip Technology PIC16F870/P Datasheet HTML 69Page - Microchip Technology PIC16F870/P Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 156 page
background image
PIC16F870/871
DS30569A-page 66
Preliminary
© 1999 Microchip Technology Inc.
-
TABLE 9-3:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 0)
BAUD
RATE
(K)
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 10 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
-
--
-
-
-
-
--
1.2
1.221
1.75
255
1.202
0.17
207
1.202
0.17
129
2.4
2.404
0.17
129
2.404
0.17
103
2.404
0.17
64
9.6
9.766
1.73
31
9.615
0.16
25
9.766
1.73
15
19.2
19.531
1.72
15
19.231
0.16
12
19.531
1.72
7
28.8
31.250
8.51
9
27.778
3.55
8
31.250
8.51
4
33.6
34.722
3.34
8
35.714
6.29
6
31.250
6.99
4
57.6
62.500
8.51
4
62.500
8.51
3
52.083
9.58
2
HIGH
1.221
-
255
0.977
-
255
0.610
-
255
LOW
312.500
-
0
250.000
-
0
156.250
-
0
BAUD
RATE
(K)
FOSC = 4 MHz
FOSC = 3.6864 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
0.300
0
207
0.301
0.33
185
1.2
1.202
0.17
51
1.216
1.33
46
2.4
2.404
0.17
25
2.432
1.33
22
9.6
8.929
6.99
6
9.322
2.90
5
19.2
20.833
8.51
2
18.643
2.90
2
28.8
31.250
8.51
1
-
-
-
33.6
-
-
-
-
-
-
57.6
62.500
8.51
0
55.930
2.90
0
HIGH
0.244
-
255
0.218
-
255
LOW
62.500
-
0
55.930
-
0
TABLE 9-4:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 1)
BAUD
RATE
(K)
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 10 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
-
--
-
-
-
-
--
1.2
-
--
-
-
-
-
--
2.4
-
-
-
-
-
-
2.441
1.71
255
9.6
9.615
0.16
129
9.615
0.16
103
9.615
0.16
64
19.2
19.231
0.16
64
19.231
0.16
51
19.531
1.72
31
28.8
29.070
0.94
42
29.412
2.13
33
28.409
1.36
21
33.6
33.784
0.55
36
33.333
0.79
29
32.895
2.10
18
57.6
59.524
3.34
20
58.824
2.13
16
56.818
1.36
10
HIGH
4.883
-
255
3.906
-
255
2.441
-
255
LOW
1250.000
-
0
1000.000
0
625.000
-
0
BAUD
RATE
(K)
FOSC = 4 MHz
FOSC = 3.6864 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
-
-
-
-
-
-
1.2
1.202
0.17
207
1.203
0.25
185
2.4
2.404
0.17
103
2.406
0.25
92
9.6
9.615
0.16
25
9.727
1.32
22
19.2
19.231
0.16
12
18.643
2.90
11
28.8
27.798
3.55
8
27.965
2.90
7
33.6
35.714
6.29
6
31.960
4.88
6
57.6
62.500
8.51
3
55.930
2.90
3
HIGH
0.977
-
255
0.874
-
255
LOW
250.000
-
0
273.722
-
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com