Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F870/P Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F870/P
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/P Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F870/P Datasheet HTML 92Page - Microchip Technology PIC16F870/P Datasheet HTML 93Page - Microchip Technology PIC16F870/P Datasheet HTML 94Page - Microchip Technology PIC16F870/P Datasheet HTML 95Page - Microchip Technology PIC16F870/P Datasheet HTML 96Page - Microchip Technology PIC16F870/P Datasheet HTML 97Page - Microchip Technology PIC16F870/P Datasheet HTML 98Page - Microchip Technology PIC16F870/P Datasheet HTML 99Page - Microchip Technology PIC16F870/P Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 156 page
background image
PIC16F870/871
DS30569A-page 96
Preliminary
© 1999 Microchip Technology Inc.
TABLE 11-6:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
Wake-up via WDT or
Interrupt
W
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
870
871
N/A
N/A
N/A
TMR0
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
870
871
0000h
0000h
PC + 1
(2)
STATUS
870
871
0001 1xxx
000q quuu
(3)
uuuq quuu
(3)
FSR
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
870
871
--0x 0000
--0u 0000
--uu uuuu
PORTB
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTD
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTE
870
871
---- -xxx
---- -uuu
---- -uuu
PCLATH
870
871
---0 0000
---0 0000
---u uuuu
INTCON
870
871
0000 000x
0000 000u
uuuu uuuu
(1)
PIR1
870
871
r000 -000
r000 -000
ruuu -uuu
(1)
870
871
0000 -000
0000 -000
uuuu -uuu
(1)
PIR2
870
871
---0 ----
---0 ----
---u ----
(1)
TMR1L
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
870
871
--00 0000
--uu uuuu
--uu uuuu
TMR2
870
871
0000 0000
0000 0000
uuuu uuuu
T2CON
870
871
-000 0000
-000 0000
-uuu uuuu
CCPR1L
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
870
871
--00 0000
--00 0000
--uu uuuu
RCSTA
870
871
0000 000x
0000 000x
uuuu uuuu
TXREG
870
871
0000 0000
0000 0000
uuuu uuuu
RCREG
870
871
0000 0000
0000 0000
uuuu uuuu
ADRESH
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
870
871
0000 00-0
0000 00-0
uuuu uu-u
OPTION_REG
870
871
1111 1111
1111 1111
uuuu uuuu
TRISA
870
871
--11 1111
--11 1111
--uu uuuu
TRISB
870
871
1111 1111
1111 1111
uuuu uuuu
TRISC
870
871
1111 1111
1111 1111
uuuu uuuu
TRISD
870
871
1111 1111
1111 1111
uuuu uuuu
TRISE
870
871
0000 -111
0000 -111
uuuu -uuu
PIE1
870
871
r000 -000
r000 -000
ruuu -uuu
870
871
0000 0000
0000 0000
uuuu uuuu
PIE2
870
871
---0 ----
---0 ----
---u ----
PCON
870
871
---- --qq
---- --uu
---- --uu
PR2
870
871
1111 1111
1111 1111
1111 1111
TXSTA
870
871
0000 -010
0000 -010
uuuu -uuu
SPBRG
870
871
0000 0000
0000 0000
uuuu uuuu
ADRESL
870
871
xxxx xxxx
uuuu uuuu
uuuu uuuu
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends
on condition, r = reserved maintain clear.
Note 1: One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the inter-
rupt vector (0004h).
3: See Table 11-5 for reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com