Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F870/P Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC16F870/P
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/P Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC16F870/P Datasheet HTML 119Page - Microchip Technology PIC16F870/P Datasheet HTML 120Page - Microchip Technology PIC16F870/P Datasheet HTML 121Page - Microchip Technology PIC16F870/P Datasheet HTML 122Page - Microchip Technology PIC16F870/P Datasheet HTML 123Page - Microchip Technology PIC16F870/P Datasheet HTML 124Page - Microchip Technology PIC16F870/P Datasheet HTML 125Page - Microchip Technology PIC16F870/P Datasheet HTML 126Page - Microchip Technology PIC16F870/P Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 123
PIC16F870/871
14.3
DC Characteristics:
PIC16F870/871 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Operating voltage VDD range as described in DC spec Section 14.1 and
Section 14.2.
Param
No.
Characteristic
Sym
Min
Typ†
Max
Units
Conditions
Input Low Voltage
I/O ports
VIL
D030
with TTL buffer
VSS
-
0.15VDD
V
For entire VDD range
D030A
VSS
-0.8V
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger buffer
VSS
-0.2VDD
V
D032
MCLR, OSC1 (in RC mode)
VSS
-0.2VDD
V
D033
OSC1 (in XT, HS and LP)
VSS
-0.3VDD
VNote1
Ports RC3 and RC4
D034
with Schmitt Trigger buffer
VSS
-0.3VDD
V
For entire VDD range
D034A
with SMBus
-0.5
-
0.6
V
for VDD = 4.5 to 5.5V
Input High Voltage
I/O ports
VIH
-
D040
with TTL buffer
2.0
-
VDD
V4.5V
≤ VDD ≤ 5.5V
D040A
0.25VDD
+ 0.8V
-VDD
V
For entire VDD range
D041
with Schmitt Trigger buffer
0.8VDD
-VDD
V
For entire VDD range
D042
MCLR
0.8VDD
-VDD
V
D042A
OSC1 (XT, HS and LP)
0.7VDD
-VDD
VNote1
D043
OSC1 (in RC mode)
0.9VDD
-VDD
V
Ports RC3 and RC4
D044
with Schmitt Trigger buffer
0.7VDD
-VDD
V
For entire VDD range
D044A
with SMBus
1.4
-
5.5
V
for VDD = 4.5 to 5.5V
D070
PORTB weak pull-up current
IPURB
50
250
400
µAVDD = 5V, VPIN = VSS
Input Leakage Current
(Notes 2, 3)
D060
I/O ports
IIL
--
±1
µAVss ≤ VPIN ≤ VDD, Pin at hi-imped-
ance
D061
MCLR, RA4/T0CKI
-
-
±5
µAVss ≤ VPIN ≤ VDD
D063
OSC1
-
-
±5
µAVss ≤ VPIN ≤ VDD, XT, HS and LP osc
configuration
Output Low Voltage
D080
I/O ports
VOL
--
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
°C to +85°C
D083
OSC2/CLKOUT (RC osc config)
-
-
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +85°C
Output High Voltage
D090
I/O ports (Note 3)
VOH VDD - 0.7
-
-
V
IOH = -3.0 mA, VDD = 4.5V,
-40
°C to +85°C
D092
OSC2/CLKOUT (RC osc config)
VDD - 0.7
-
-
V
IOH = -1.3 mA, VDD = 4.5V,
-40
°C to +85°C
Legend: * These parameters are characterized but not tested.
† Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16F870/871 be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com