Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBX Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # HBX
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

HBX Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  HBX Datasheet HTML 1Page - RUBYCON CORPORATION HBX Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
HBX
SERIES
HBX
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+125℃
250Vdc
±20%
(20℃,
120Hz)
0.15(20℃, 120Hz)
I=0.04CV+100μA (After 1 minutes)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 3000 hours at 125℃,
the capacitors shall meet the following requirements.
(120Hz)
Load Life: 125℃ 3000 hours
◆FEATURES
・High Ripple Current, Low ESR, High Reliability.
・Suitable for DC Link of high voltage inverter.
・RoHS compliance.
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
250
3
6
◆MULTIPLIER FOR RIPPLE CURRENT
◆PART NUMBER
□□□
Rated Voltage
HBX
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
◆OPTION
Standard item is blank.
0.45
0.80
1.00
1.00
Frequency
(Hz)
120
1k
10k
100k≦
Coefficient


Similar Part No. - HBX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBX-110-6500 ETC2-HBX-110-6500 Datasheet
472Kb / 9P
LED High Bay Lamp
logo
P-tec Corporation
HBX-2071 P-TEC-HBX-2071 Datasheet
704Kb / 5P
LED globe lamp, 60W incandescent equivalent
logo
CommScope Inc.
HBX-3319DS-A1M COMMSCOPE-HBX-3319DS-A1M Datasheet
367Kb / 4P
2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021
HBX-3319DS-VTM COMMSCOPE-HBX-3319DS-VTM Datasheet
367Kb / 4P
2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021
logo
Vishay Siliconix
HBX103 VISHAY-HBX103 Datasheet
269Kb / 8P
Ceramic High Voltage Disc Capacitors, Class 2
31-Jan-06
More results

Similar Description - HBX

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com