Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBX Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # HBX
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

HBX Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  HBX Datasheet HTML 1Page - RUBYCON CORPORATION HBX Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
12.5
10
5
7.5
16
0.8
250
30
36
43
43
51
51
56
1100
1330
1550
1410
1760
1440
1710
1100
1330
1550
1410
1760
1440
1710
1870
2260
2630
2390
2990
2440
2900
12.5×20
10×30
10×35
12.5×25
10×40
16×20
12.5×30
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
HBX
Rated Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L
(㎜)
Rated ripple current
I0
(mArms/
125℃,100kHz)
MAX ripple current
IMAX
(mArms/
125℃,100kHz)
MAX ripple current
IMAX
(mArms/
105℃,100kHz)
◆STANDARD SIZE
Rated ripple current I0:Ripple current continuous operation within endurance lifetime.
Maximum ripple current IMAX:Maximum ripple current continuous operation.Estimated lifetime complies with our lifetime calculation fomula.
L+2MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(Polyolefin)
Ambient temperature
85℃
125℃
105℃
Enable continuous-operation field
Disable continuous-operation field



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com