Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # HVC
Description  POWER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

HVC Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  HVC Datasheet HTML 1Page - RUBYCON CORPORATION HVC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER FILM CAPACITORS
HVC
◆FEATURES
For Industrial equipment and in-vehicle inverter. (Module type)
Direct mount on the semiconductor module.
Low ESL design.
Custom design is available.
Quick delivery and low-cost in comparison with full-custom products.
RoHS compliance.
SERIES
HVC
◆OUTLINE
UPGRADE
Low ESL, Rectangular Type
◆SPECIFICATIONS
450Vdc
Category Temperature Range
Rated Voltage
500μF (1kHz)
±10%(K)
3000 Ω・F (20℃ 120s 100Vdc)
PPS Resin
Epoxy Resin
JIS C 5101-16
IEC 61071
0.005Max (1KHz 25℃±5℃)
Between the terminals : Rated Voltagex1.5 10s
Between the terminal and case : 2000Vdc 10s
Capacitance
Voltage Proof
【Custom modification】
Insulation Resistance
Case
Filling Resin
Reference Standard
Capacitance Tolerance
tanδ
150Arms (10kHz)
Permimissible Curent
15nH Max
ESL
−40℃∼+105℃
◆PART NUMBER
450
Rated Voltage
HVC
Series
□□□
Option
L
Terminal Code
507
Capacitance
K
Capacitance Tolerance
(mm)
(mm)
237
237
P±0.5
F±0.5
F±0.5
F±0.5
P±0.5
P±0.5
F±0.5
F±0.5
F±0.5
P±0.5
φ6.5
M6
++
φ6.5
M6


Similar Part No. - HVC

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
HVC JIANGHAI-HVC Datasheet
456Kb / 2P
PC SMD 105째C Very Low ESR High Ripple Current 2.000h Lifetime(Polymer SMD)
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
High Voltage Chip Resistors
logo
HolyStone International
HVC HOLYSTONECAPS-HVC Datasheet
387Kb / 4P
High Voltage NP0 and X7R Capacitors
logo
TT Electronics.
HVC TTELEC-HVC Datasheet
435Kb / 3P
Robust thick film construction
logo
Ohmite Mfg. Co.
HVC OHMITE-HVC Datasheet
330Kb / 2P
Precision High-Value High-voltage Wraparound Chip
More results

Similar Description - HVC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
logo
RUBYCON CORPORATION
MPC RUBYCON-MPC Datasheet
284Kb / 2P
POWER FILM CAPACITORS
MPCA RUBYCON-MPCA Datasheet
189Kb / 2P
POWER FILM CAPACITORS
MPX RUBYCON-MPX Datasheet
157Kb / 2P
POWER FILM CAPACITORS
MPXA RUBYCON-MPXA Datasheet
114Kb / 1P
POWER FILM CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com