Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # HVC
Description  POWER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

HVC Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  HVC Datasheet HTML 1Page - RUBYCON CORPORATION HVC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER FILM CAPACITORS
HVC
DC link
Filter
DC link
Smoothing
◆CUSTOM OUTLINE EXAMPLES
◆STANDARD SIZE
Type-M
Type-I
Type-F
Type-R
Type
17.0mm
21.0mm
22.0mm
28.0mm
F dimension
P dimension
64.5mm
67.1mm
50.0mm
50.0mm
Part No.
450HVC507KR80L
450HVC507KR81L
450HVC507KR82L
450HVC507KR83L
・Other custom examples
Full custom design / production other than in-vehicle inverter applications is available.
Accommodating requests from a small number of samples to mass production. For details, please consult our sales offices.
Full custom modifications
 ・Customize specifications
 ・Layout terminals on multiple surface
 ・Built-in resistance, Y capacitors etc.
 ・Built-in heatsink, shield plate etc.
Add fixtures for mounting
Built-in thermocouple, thermistor etc.
Add stand etc. for the board mounting



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com