Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F020T Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC18F020T
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F020T Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC18F020T Datasheet HTML 33Page - Microchip Technology PIC18F020T Datasheet HTML 34Page - Microchip Technology PIC18F020T Datasheet HTML 35Page - Microchip Technology PIC18F020T Datasheet HTML 36Page - Microchip Technology PIC18F020T Datasheet HTML 37Page - Microchip Technology PIC18F020T Datasheet HTML 38Page - Microchip Technology PIC18F020T Datasheet HTML 39Page - Microchip Technology PIC18F020T Datasheet HTML 40Page - Microchip Technology PIC18F020T Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 35
PIC18F010/020
TABLE 4-1:
REGISTER FILE SUMMARY (PIC18F010/020)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
All Other
RESETS
(Note 1)
FFEh
TOSH
Top-of-Stack High Byte (TOS<11:8>)
---- 0000
---- 0000
FFDh
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
0000 0000
FFCh
STKPTR
STKOVF
STKUNF
—
Return Stack Pointer
00-0 0000
00-0 0000
FFBh
PCLATU
—
—
bit21(3)
Holding Register for PC<20:18>
—
—
--00 00--
--00 00--
FFAh
PCLATH
—
—
—
—
Holding Register for PC<11:8>
---- 0000
---- 0000
FF9h
PCL
PC Low Byte (PC<7:0>)
0000 0000
0000 0000
FF8h
TBLPTRU
—
—
bit21(2)
Program Memory Table Pointer
Upper Byte (TBLPTR<20:18>)
—
—
---0 0000
---0 0000
FF7h
TBLPTRH
—
—
—
—
Program Memory Table Pointer High Byte
(TBLPTR<11:8>)
0000 0000
0000 0000
FF6h
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
0000 0000
FF5h
TABLAT
Program Memory Table Latch
0000 0000
0000 0000
FF4h
PRODH
Product Register High Byte
xxxx xxxx
uuuu uuuu
FF3h
PRODL
Product Register Low Byte
xxxx xxxx
uuuu uuuu
FF2h
INTCON
GIE/GIEH
PEIE/GIEL
T0IE
INT0E
RBIE
T0IF
INT0F
RBIF
0000 000x
0000 000u
FF1h
INTCON2
RBPU
INTEDG0
—
—
—
T0IP
—
RBIP
11-- -1-1
11-- -1-1
FEFh
INDF0
Uses contents of FSR0 to address data memory - value of FSR0 not changed (not a physical register)
N/A
N/A
FEEh
POSTINC0
Uses contents of FSR0 to address data memory - value of FSR0 post-incremented (not a physical register)
N/A
N/A
FEDh
POSTDEC0
Uses contents of FSR0 to address data memory - value of FSR0 post-decremented (not a physical register)
N/A
N/A
FECh
PREINC0
Uses contents of FSR0 to address data memory - value of FSR0 pre-incremented (not a physical register)
N/A
N/A
FEBh
PLUSW0
Uses contents of FSR0 to address data memory - value of FSR0 pre-incremented (not a physical register) -
value of FSR0 offset by W
N/A
N/A
FEAh
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High
---- 0000
---- 0000
FE9h
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
uuuu uuuu
FE8h
WREG
Working Register
xxxx xxxx
uuuu uuuu
FE7h
INDF1
Uses contents of FSR1 to address data memory - value of FSR1 not changed (not a physical register)
N/A
N/A
FE6h
POSTINC1
Uses contents of FSR1 to address data memory - value of FSR1 post-incremented (not a physical register)
N/A
N/A
FE5h
POSTDEC1
Uses contents of FSR1 to address data memory - value of FSR1 post-decremented (not a physical register)
N/A
N/A
FE4h
PREINC1
Uses contents of FSR1 to address data memory - value of FSR1 pre-incremented (not a physical register)
N/A
N/A
FE3h
PLUSW1
Uses contents of FSR1 to address data memory - value of FSR1 pre-incremented (not a physical register) -
value of FSR1 offset by W
N/A
N/A
FE2h
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High
---- 0000
---- 0000
FE1h
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
uuuu uuuu
FE0h
BSR
—
—
—
—
Bank Select Register
---- 0000
---- 0000
FDFh
INDF2
Uses contents of FSR2 to address data memory - value of FSR2 not changed (not a physical register)
N/A
N/A
FDEh
POSTINC2
Uses contents of FSR2 to address data memory - value of FSR2 post-incremented (not a physical register)
N/A
N/A
FDDh
POSTDEC2
Uses contents of FSR2 to address data memory - value of FSR2 post-decremented (not a physical register)
N/A
N/A
FDCh
PREINC2
Uses contents of FSR2 to address data memory - value of FSR2 pre-incremented (not a physical register)
N/A
N/A
FDBh
PLUSW2
Uses contents of FSR2 to address data memory - value of FSR2 pre-incremented (not a physical register) -
value of FSR2 offset by W
N/A
N/A
FDAh
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High
---- 0000
---- 0000
FD9h
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
uuuu uuuu
FD8h
STATUS
—
—
—
NOV
Z
DC
C
---x xxxx
---u uuuu
FD7h
TMR0H
Timer0 Register High Byte
0000 0000
0000 0000
FD6h
TMR0L
Timer0 Register Low Byte
xxxx xxxx
uuuu uuuu
FD5h
T0CON
TMR0ON
T08BIT
T0CS
T0SE
T0PS3
T0PS2
T0PS1
T0PS0
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1: These registers can only be modified when the combination lock is open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com