Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F020T Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F020T
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F020T Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F020T Datasheet HTML 17Page - Microchip Technology PIC18F020T Datasheet HTML 18Page - Microchip Technology PIC18F020T Datasheet HTML 19Page - Microchip Technology PIC18F020T Datasheet HTML 20Page - Microchip Technology PIC18F020T Datasheet HTML 21Page - Microchip Technology PIC18F020T Datasheet HTML 22Page - Microchip Technology PIC18F020T Datasheet HTML 23Page - Microchip Technology PIC18F020T Datasheet HTML 24Page - Microchip Technology PIC18F020T Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 19
PIC18F010/020
FSR2H
---- 0000
---- 0000
---- uuuu
FSR2L
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
---x xxxx
---u uuuu
---u uuuu
TMR0H
0000 0000
0000 0000
uuuu uuuu
TMR0L
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
1111 1111
1111 1111
uuuu uuuu
OSCCON
-000 00-0
-uuu uu-u
-uuu uu-u
LVDCON
--00 0101
--00 0101
--uu uuuu
WDTCON
---- ---0
---- ---0
---- ---u
RCON(4,5)
0--1 11qq
0--q qquu
u--u qquu
IPR2
---- 1111
---- 1111
---- uuuu
PIR2
---- 0000
---- 0000
---- uuuu(1)
PIE2
---- 0000
---- 0000
---- uuuu
TRISB
--11 1111
--11 1111
--uu uuuu
LATB
--xx xxxx
--uu uuuu
--uu uuuu
PORTB
--xx xxxx
--uu uuuu
--uu uuuu
PSPCON
---- --00
---- --00
---- --uu
EEADR
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEDATA
xxxx xxxx
uuuu uuuu
uuuu uuuu
EECON2
---- ----
---- ----
---- ----
EECON1
x--0 x000
u--0 u000
u--u uuuu
OSCTUNE
--00 0000
--qq qqqq
--uu uuuu
WPUB
--11 1111
--11 1111
--uu uuuu
IOCB
--00 0000
--00 0000
--uu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Power-on Reset,
Brown-out Reset
MCLR Reset
WDT Reset
Reset
Instruction
Stack Reset
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the hard-
ware stack.
4: See Table 3-2 for RESET value for specific condition.
5: The long write enable is only reset on a POR or MCLR Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com