Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXF Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # JXF
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

JXF Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  JXF Datasheet HTML 1Page - RUBYCON CORPORATION JXF Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
JXF
SERIES
JXF
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−55∼+105℃
16∼35Vdc
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater. (After 2 minutes)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
tanδ
0.14
25
0.16
16
0.12
35
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the initial value.
Not more than 300% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for specified time at 105℃,
the capacitors shall meet the following requirements.
(20℃,
120Hz)
(120Hz)
105℃ Low Impedance, Wide Temperature Range
◆FEATURES
・105℃ 6000∼8000 hours.
・High Ripple Current, Low ESR, High Reliability.
・RoHS compliance.
Case Size
Life Time
(hrs)
8000
φD=10
φD≧12.5
6000
Rated Voltage
(Vdc)
25
Z
(−55℃)
/Z
(20℃)
3
16
33
35
MULTIPLIER FOR RIPPLE CURRENT
◆PART NUMBER
□□□
Rated Voltage
JXF
Series
◆OPTION
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
NEW
0.55
0.60
0.70
470∼680μF
820∼1800μF
2200∼10000μF
0.77
0.80
0.85
0.94
0.96
0.98
1.00
1.00
1.00
Frequency
(Hz)
120
1k
10k
100k≦
Coefficient
PET Sleeve
Code
EFC


Similar Description - JXF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com