Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXF Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # JXF
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

JXF Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  JXF Datasheet HTML 1Page - RUBYCON CORPORATION JXF Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
16
10 12.5
5.0
7.5
18
0.6
0.8
25
16
35
1000
1500
1800
2200
3300
3900
3900
5600
5600
6800
8200
10000
680
1000
1200
1500
2200
2700
2700
3300
3900
4700
4700
5600
470
680
820
1000
1200
1800
1800
2200
2200
3300
3300
3900
0.061
0.045
0.037
0.038
0.030
0.025
0.028
0.022
0.028
0.019
0.020
0.018
0.061
0.045
0.037
0.038
0.030
0.025
0.028
0.028
0.022
0.019
0.020
0.018
0.061
0.045
0.037
0.038
0.030
0.025
0.028
0.022
0.028
0.019
0.020
0.018
0.122
0.090
0.074
0.076
0.060
0.050
0.056
0.044
0.056
0.038
0.040
0.036
0.122
0.090
0.074
0.076
0.060
0.050
0.056
0.056
0.044
0.038
0.040
0.036
0.122
0.090
0.074
0.076
0.060
0.050
0.056
0.044
0.056
0.038
0.040
0.036
1180
1490
1710
1780
2170
2540
2210
2620
2490
3060
2790
3240
1180
1490
1710
1780
2170
2540
2210
2490
2620
3060
2790
3240
1180
1490
1710
1780
2170
2540
2210
2620
2490
3060
2790
3240
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
16×25
18×20
16×30
18×25
18×30
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
18×20
16×25
16×30
18×25
18×30
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
16×25
18×20
16×30
18×25
18×30
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
JXF
Rated Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L
(㎜)
20℃, 100kHz
−10℃, 100kHz
Impedance
(Ω MAX)
Rated ripple current
(mArms/105℃,100kHz)
◆STANDARD SIZE
L+2MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com