Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEX Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # LEX
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LEX Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  LEX Datasheet HTML 1Page - RUBYCON CORPORATION LEX Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
LEX
SERIES
LEX
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
±20%
(20℃,
120Hz)
Rated Voltage
(Vdc)
tanδ
0.24
160
0.24
200
0.24
250
0.24
400
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
160
200
250
336
Z
(−40℃)
/Z
(20℃) 88
10
400
6
12
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the initial value.
Not more than 300% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for specified time at 125℃,
the capacitors shall meet the following requirements.
(20℃,
120Hz)
(120Hz)
CV≦1000
CV>1000
I=0.1CV+40
μA (1minute)
I=0.03CV+15
μA (5minutes)
I=0.04CV+100
μA (1minute)
I=0.02CV+25
μA (5minutes)
I=Leakage Current(μA)
C=Capacitance(μF)
V=Rated Voltage(Vdc)
Case Size
Life Time
(hrs)
6.3×11, 8×9, 10×9
4000
8×11.5, 10×12.5,
10×16
5000
Load Life: 125℃ 4000∼5000 hours
◆FEATURES
Ultra Long Life.
For LED Lighting.
RoHS compliance.
−40∼+125℃
160∼400Vdc
Frequency
(Hz)
Coefficient
1k
120
10k 100k≦
1.0
1.6
1.8
1.0
1∼5.6μF
6.8∼18μF
1.5
1.7
1.0
22∼33μF
1.4
1.6
2.0
1.9
1.8
◆PART NUMBER
□□□
Rated Voltage
LEX
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
◆OPTION
Code
EFC
PET Sleeve


Similar Part No. - LEX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEX LITTELFUSE-LEX Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEX-AA LITTELFUSE-LEX-AA Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
LEX-AA-S LITTELFUSE-LEX-AA-S Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
LEX-AB LITTELFUSE-LEX-AB Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
LEX-AB-S LITTELFUSE-LEX-AB-S Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
More results

Similar Description - LEX

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com