Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEX Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LEX
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LEX Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LEX Datasheet HTML 1Page - RUBYCON CORPORATION LEX Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
φD
φd
F
6.3
0.5
2.5
8
3.5
10
5
0.6
◆DIMENSIONS
(mm)
160
200
250
5.6
10
15
22
33
2.2
3.3
4.7
5.6
6.8
8.2
10
12
18
27
6.3×11
8×9
8×11.5
10×9
10×12.5
10×16
6.3×11
6.3×11
6.3×11
8×9
8×9
8×9
8×11.5
10×9
10×12.5
10×16
52
70
92
95
121
158
36
42
49
56
62
66
80
88
113
149
104
133
174
180
217
284
72
84
98
112
117
125
152
167
214
268
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
LEX
400
1.8
2.2
3.3
4.7
5.6
6.8
8.2
10
12
18
1
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
6.8
6.3×11
6.3×11
6.3×11
8×9
8×11.5
8×11.5
10×9
10×12.5
10×12.5
10×16
6.3×11
8×9
8×9
8×9
8×9
8×11.5
8×11.5
8×11.5
10×9
10×12.5
10×12.5
10×16
33
36
42
53
56
68
76
83
97
127
24
28
30
33
36
40
43
47
48
57
61
85
66
72
84
106
112
129
144
157
184
241
48
56
60
66
72
80
86
94
96
114
122
161
◆STANDARD SIZE
Rated Ripple Current
(mA r.m.s., 125℃)
120Hz
100kHz
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L
(㎜)
Rated Ripple Current
(mA r.m.s., 125℃)
120Hz
100kHz
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L
(㎜)
L+2MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com