Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # LSC
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSC Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  LSC Datasheet HTML 1Page - RUBYCON CORPORATION LSC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RoHS compliance.
0.25(20℃,
120Hz)
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC
SERIES
LSC
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Items
Characteristics
−25∼+105℃
350∼450Vdc
±20%
(20℃,
120Hz)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃ 5000 hours, High Ripple Current, Screw Terminal Type
◆FEATURES
Load Life : 105℃ 5000 hours
After applying rated voltage with rated ripple current for 5000 hours at 105℃,
the capacitors shall meet the following requirements.
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
□□
Clamp Code
φD
64
77
90
64
77
90
40.0
47.0
54.0
38.0
44.5
50.8
45.0
53.0
60.0
43.0
49.0
56.0
4.5
4.5
4.5
4.5
4.5
4.5
7.0
6.0
6.0
8.0
7.0
8.0
12
12
14
14
14
16
W1
W2
W3
W4
W5
28.2
31.4
31.4
28.2
31.4
31.4
F
◆Dimensions in mm (not to scale)
(mm)
◆PART NUMBER
□□□
Rated Voltage
LSC
Series
□□□□□
Capacitance
M
Capacitance Tolerance
□□□
Option
D×L
Case Size
I=3 CV or 5mA whichever is smaller.(After 5 minutes application of rated voltage)
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
60(50)120(100) 300
500
1k
0.80
1.00
1.17
1.23
1.30
10k≦
1.40
〈I type〉
L±3
Plate
Clamp
Sleeve
Case
Screw
Terminal Bolt
Mounting
〈Y type〉
L±3
Plate
Clamp
Sleeve
Case Screw
Terminal
Bolt
Mounting
W5
M5 P=0.8Bolt
F±1
W3
Vent
Clamp
Bolt
F±1
W4
W3
Vent
W5
Clamp
Bolt
M5 P=0.8Bolt


Similar Part No. - LSC

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
LSC STATEK-LSC Datasheet
51Kb / 2P
Low Power Surface Mount Crystal Oscillator
LSC STATEK-LSC Datasheet
85Kb / 2P
Low Power Surface Mount Crystal Oscillator
logo
Lapp.
LSC LAPP-LSC Datasheet
668Kb / 3P
FLEXIMARK® Steel cable ties LS and LSC
05-12-2018
logo
IQD Frequency Products ...
LSC-3.3V IQD-LSC-3.3V Datasheet
165Kb / 2P
Crystal Clock Oscillator Specification
LSC-5.0V IQD-LSC-5.0V Datasheet
165Kb / 2P
Crystal Clock Oscillator Specification
More results

Similar Description - LSC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSTL NIC-NSTL Datasheet
55Kb / 2P
Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSG RUBYCON-LSG Datasheet
180Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com