Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LSC
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSC Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LSC Datasheet HTML 1Page - RUBYCON CORPORATION LSC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC
350
400
2700
3300
3900
3900
4700
4700
5600
5600
5600
6800
6800
6800
8200
8200
8200
10000
10000
12000
12000
15000
2200
2700
3300
3300
3900
3900
4700
4700
4700
5600
5600
5600
6800
6800
6800
8200
8200
10000
10000
12000
64×104
64×114
64×129
77×101
64×149
77×111
64×174
77×126
90×104
64×204
77×151
90×119
64×244
77×171
90×134
77×206
90×159
77×241
90×184
90×219
64×104
64×114
64×134
77×101
64×154
77×116
64×179
77×131
90×104
64×209
77×151
90×119
64×249
77×176
90×139
77×211
90×159
77×246
90×189
90×219
12.5
13.9
15.4
17.0
17.3
19.4
19.4
21.6
24.0
21.9
24.7
27.2
24.7
27.6
30.5
31.4
34.9
35.2
39.3
45.3
11.6
12.9
14.7
16.4
16.4
18.2
18.4
20.4
22.5
20.5
22.9
25.3
23.2
25.8
28.8
29.2
32.4
33.0
37.0
41.7
Size
φDXL(㎜)
450
1800
2200
2700
2700
3300
3300
3900
3900
3900
4700
4700
4700
5600
5600
5600
6800
6800
8200
8200
10000
64×104
64×114
64×134
77×101
64×154
77×116
64×179
77×131
90×104
64×209
77×151
90×119
64×244
77×176
90×134
77×206
90×159
77×241
90×184
90×219
10.0
11.5
13.1
14.0
14.8
15.8
16.4
17.6
19.4
18.4
19.8
21.9
20.6
22.2
24.5
25.0
28.0
28.1
31.6
36.1
Size
φDXL(㎜)
◆Tightening torque of bolt and Permissible current of terminal.
Rated Voltage
(Vdc)
Capacitance
(μF)
Rated Ripple Current
(A.r.m.s 105℃,120Hz)
Rated Voltage
(Vdc)
Capacitance
(μF)
Rated Ripple Current
(A.r.m.s 105℃,120Hz)
Clamp Bolt
M3
M4
0.6 [N・m]
1.3 [N・m]
Recommended Tightening torque
Terminal
Recommended Tightening torque
(Permissible Range)
M5
2.2(1.5∼3.2) [N・m]
Permissible Current
of Terminal
60Arms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com