Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # LSQ
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSQ Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  LSQ_15 Datasheet HTML 1Page - RUBYCON CORPORATION LSQ_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
・RoHS compliance.
◆SPECIFICATIONS
◆PART NUMBER
−25∼+85℃
160∼450Vdc
−40∼+85℃
10∼100Vdc
±20%
(20℃,
120Hz)
(20℃,
120Hz)
Vdc
φD
10
16
25
35
50
36
0.75
0.6
0.4
0.3
0.25
51
1.0
0.7
0.5
0.5
0.3
64
1.3
0.8
0.7
0.6
0.5
77
1.5
1.0
0.8
0.7
0.6
90
1.5
1.0
0.8
0.7
0.6
Vdc
φD
63
80
100
160∼250
350∼450
36
0.2
0.2
0.15
0.15
0.2
51
0.25
0.2
0.2
0.15
0.2
64
0.3
0.25
0.25
0.2
0.25
77
0.4
0.3
0.25
0.2
0.25
90
0.4
0.3
0.25
0.2
0.25
SERIES
LSQ
85℃ 3000 hours, Screw Terminal Type
◆FEATURES
・Load Life : 85℃ 3000 hours.
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
(tanδ)
Dissipation Factor(MAX)
Endurance
Shelf Life
Items
Characteristics
□□□
Rated Voltage
LSQ
Series
□□□□□
Capacitance
M
Capacitance Tolerance
□□□
Option
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
60(50)120(100) 400
1k
10k≦
0.80 1.00 1.03 1.05 1.08
0.80
10∼50Vdc
63∼100Vdc
160∼450Vdc
1.00 1.05 1.07 1.10
0.80 1.00 1.10 1.13 1.18
□□
Clamp Code
φD
51
64
77
90
34.0
40.0
47.0
54.0
40.0
45.0
53.0
60.0
3.5
4.5
4.5
4.5
6.0
7.0
6.0
6.0
12
12
12
14
W1
W2
W3
W4
W5
21.8
36 24.0 30.0 3.5
7.0
10 12.7
28.2
31.4
31.4
51
64
77
90
32.5
38.0
44.5
50.8
37.5
43.0
49.0
56.0
4.5
4.5
4.5
4.5
6.0
8.0
7.0
8.0
12
14
14
16
21.8
28.2
31.4
31.4
F
◆Dimensions in mm (not to scale)
(mm)
〈I type〉
〈Y type〉
Leakage Current(MAX)
I=0.02CV or 5mA whichever is smaller.(After 5 minutes application of rated voltage)
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ
Leakage Current
Dissipation Factor
Capacitance Change
Within ±15% of the initial value.
Not more than 175% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 3000 hours at 85℃,
the capacitors shall meet the following requirements.
Leakage Current
Dissipation Factor
Capacitance Change
Within ±15% of the initial value.
Not more than 150% of the specified value.
Not more than the specified value.
After storage for 500 hours with no voltage applied at 85℃, the capacitors shall be subjected to the voltage treatment in
JIS C 5101-4 item 4.1 and shall be meet the following requirements.
L±3
Plate
Clamp
Sleeve
Case
Screw
Terminal Bolt
W5
M5 P=0.8Bolt
F±1
W3
Mounting
Vent
L±3
Plate
Clamp
Sleeve
Case Screw
Terminal Bolt
M5 P=0.8Bolt
F±1
W4
W3
Mounting
Vent
W5
Clamp
Bolt
Clamp
Bolt
D×L
Case Size


Similar Part No. - LSQ_15

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ1111A FRONTIER-LSQ1111A Datasheet
599Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A-27N_ FRONTIER-LSQ1111A-27N_ Datasheet
599Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A-30N_ FRONTIER-LSQ1111A-30N_ Datasheet
599Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A-33N_ FRONTIER-LSQ1111A-33N_ Datasheet
599Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A-36N_ FRONTIER-LSQ1111A-36N_ Datasheet
599Kb / 3P
SMD SQUARE AIR WOUND COIL SPECIFICATION
More results

Similar Description - LSQ_15

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSG RUBYCON-LSG Datasheet
180Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com