Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSQ Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LSQ
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSQ Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LSQ_15 Datasheet HTML 1Page - RUBYCON CORPORATION LSQ_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vdc
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
120000
150000
180000
220000
270000
330000
390000
470000
560000
680000
36×50
2.5
36×50
2.6
36×50
2.8
36×63
2.9
36×83
3.7
36×83
4.2
36×98
5.0
36×118
5.4
51×83
7.7
51×83
7.8
51×83
8.0
51×98
8.7
51×118
10.5
64×99
12.1
64×99
14.4
64×119
15.0
64×139
16.8
77×121
19.4
77×141
21.5
90×141
22.3
36×50
3.0
36×50
3.2
36×63
3.8
36×83
4.1
36×83
4.4
36×98
5.5
36×118
6.2
51×83
7.1
51×83
7.4
51×98
8.8
51×118
10.0
64×99
11.9
64×99
12.6
64×119
15.0
77×101
16.4
77×121
18.9
77×141
21.6
90×141
26.0
36×50
3.7
36×50
3.3
36×50
4.3
36×63
5.3
36×83
5.5
36×83
5.7
36×98
6.1
36×118
6.7
51×83
7.1
51×83
7.4
51×98
8.7
51×98
9.8
51×118
12.0
64×99
12.3
64×119
14.2
64×119
16.0
77×121
18.6
77×141
19.5
90×141
23.3
90×141
24.8
36×50
3.7
36×50
3.6
36×50
4.0
36×63
4.7
36×83
5.6
36×83
6.2
36×83
6.3
36×98
7.6
36×118
8.7
51×83
10.0
51×83
10.8
51×98
12.0
51×118
13.6
64×99
13.8
64×99
14.6
64×119
16.7
77×101
17.4
77×141
23.1
77×151
25.9
90×141
26.5
90×151
28.3
36×50
5.0
36×50
5.1
36×63
5.4
36×83
5.8
36×83
6.0
36×83
6.7
36×98
8.0
36×118
8.4
51×83
9.3
51×83
10.0
51×98
12.0
51×118
12.9
64×99
15.3
64×99
15.5
64×119
18.0
77×101
18.8
77×121
23.2
77×141
23.5
36×63
5.5
36×83
7.0
36×83
7.3
36×98
7.6
36×98
10.3
36×118
10.5
51×83
10.9
51×98
11.1
51×98
12.6
51×118
13.2
64×99
14.7
64×119
15.4
64×139
18.3
77×121
19.0
36×50
5.3
36×63
6.0
36×83
6.3
36×83
7.9
36×83
8.4
36×118
9.3
51×83
10.0
51×83
11.0
51×98
12.1
51×98
14.0
51×118
14.2
64×99
17.3
64×119
18.0
64×139
19.3
77×121
20.1
77×141
22.0
77×141
24.0
77×151
23.0
90×141
24.7
90×141
26.2
10
16
25
35
50
63
80
◆STANDARD SIZE
◆Tightening torque of bolt and Permissible current of terminal.
Cap(μF)
Vdc
330
270
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
36×50
1.6
36×63
1.8
36×83
2.2
36×83
2.4
36×98
2.8
36×118
3.1
51×83
3.6
51×83
4.0
51×98
4.8
51×118
5.7
64×99
6.5
64×99
7.2
64×119
8.7
77×121
10.5
77×121
12.0
77×141
13.3
90×141
15.8
90×151
18.7
36×50
1.3
36×50
1.7
36×63
1.8
36×83
2.3
36×83
2.7
36×98
2.9
36×98
3.4
36×118
3.9
51×83
4.2
51×98
4.8
51×98
5.7
51×118
7.0
64×99
7.9
64×119
9.5
77×101
10.7
77×121
12.8
77×141
14.5
77×151
17.5
90×141
18.0
90×151
20.5
36×50
1.9
36×63
2.1
36×83
2.4
36×83
2.9
36×98
3.4
36×98
3.8
36×118
4.2
51×83
4.7
51×98
6.3
51×98
6.4
64×99
8.8
64×99
8.8
64×119
10.3
77×101
12.0
77×121
12.7
90×141
19.0
77×141
16.0
90×141
20.0
36×50
1.6
36×50
1.6
36×50
1.7
36×63
1.8
36×83
2.4
36×83
2.4
36×98
3.1
36×118
3.4
51×83
3.9
51×83
4.0
51×98
5.4
51×118
6.0
64×99
7.3
64×99
7.3
64×119
8.9
77×101
8.9
77×121
11.8
77×141
13.1
90×141
16.5
36×50
1.7
36×50
1.6
36×50
2.3
36×63
2.2
36×63
2.3
36×83
2.9
36×83
2.9
36×98
3.6
36×118
4.0
51×83
4.6
51×83
4.7
51×98
7.1
51×118
8.3
64×99
9.5
64×99
10.0
64×119
11.1
77×101
11.6
77×121
12.9
77×141
15.2
36×63
3.2
36×83
3.4
36×83
3.6
36×98
3.8
36×118
4.7
51×83
5.3
51×83
5.6
51×98
6.4
51×98
7.5
51×118
8.1
64×99
9.9
64×119
10.8
77×101
12.7
77×121
14.1
36×50
3.2
36×50
2.7
36×50
2.5
36×63
3.3
36×83
3.5
36×83
3.8
36×98
4.5
36×118
6.0
36×118
6.3
51×83
6.6
51×83
8.5
51×98
8.9
51×118
10.2
64×99
11.0
64×119
11.7
77×101
12.5
77×121
14.5
77×141
16.2
77×141
16.6
77×151
18.3
90×141
20.1
90×141
21.0
90×141
17.7
90×141
18.9
90×141
15.6
100
160
200
250
350
400
450
Cap(μF)
Ripple Current (A r.m.s./120Hz, 85℃)
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ
Case Size φD×L(mm)
Clamp Bolt
M3
M4
0.6 [N・m]
1.3 [N・m]
Recommended Tightening torque
Terminal Recommended Tightening torque
(Permissible Range)
M5
2.2(1.5∼3.2) [N・m]
Permissible Current
of Terminal
60Arms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com