Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSU Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # LSU
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSU Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  LSU_15 Datasheet HTML 1Page - RUBYCON CORPORATION LSU_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSU
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 5000 hours (580Vdc:3000 hours). at 85℃,
he capacitors shall meet the following requirements.
I=3 CV or 5mA whichever is smaller.(After 5 minutes application of rated voltage)
◆SPECIFICATIONS
◆呼称方法/PART NUMBER
−25∼+85℃
350∼580Vdc
±20%
(20℃,
120Hz)
SERIES
LSU
85℃ 5000 hours, Screw Terminal Type
◆FEATURES
・Load Life:85℃ 5000hours (580V:3000 hours).
・RoHS compliance.
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Endurance
Items
Characteristics
I=Leakage Current(μA)
V=Rated Voltage(Vdc)
C=Capacitance(μF)
□□□
Rated Voltage
LSU
Series
□□□□□
Capacitance
M
Capacitance Tolerance
□□□
Option
◆MULTIPLIER FOR RIPPLE CURRENT
Frequency
(Hz)
Coefficient
60
(50)120(100) 300
500
1k
350∼450Vdc
500∼580Vdc
0.80
0.80
1.00
1.00
1.17
1.15
1.23
1.20
1.30
1.25
1.40
1.30
10k≦
φD
51
64
77
90
34.0
40.0
47.0
54.0
40.0
45.0
53.0
60.0
3.5
4.5
4.5
4.5
6.0
7.0
6.0
6.0
12
12
12
14
W1
W2
W3
W4
W5
21.8
28.2
31.4
31.4
F
(mm)
51
64
77
90
32.5
38.0
44.5
50.8
37.5
43.0
49.0
56.0
4.5
4.5
4.5
4.5
6.0
8.0
7.0
8.0
12
14
14
16
21.8
28.2
31.4
31.4
□□
Clamp Code
(20℃,120Hz)
Vdc
φD
350∼450
500∼580
51
0.20
0.25
64
0.25
0.30
77
0.25
0.30
90
0.25
0.30
(tanδ)
Dissipation Factor(MAX)
UPGRADE
◆Dimensions in mm (not to scale)
〈I type〉
〈Y type〉
L±3
Plate
Clamp
Sleeve
Case
Screw
Terminal Bolt
Mounting
L±3
Plate
Clamp
Sleeve
Case Screw
Terminal
Bolt
Mounting
W5
M5 P=0.8Bolt
F±1
W3
Vent
Clamp
Bolt
F±1
W4
W3
Vent
W5
Clamp
Bolt
M5 P=0.8Bolt
D×L
Case Size


Similar Part No. - LSU_15

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSU310 MICROSS-LSU310 Datasheet
296Kb / 1P
N-CHANNEL JFET
LSU310_TO-18 MICROSS-LSU310_TO-18 Datasheet
296Kb / 1P
N-CHANNEL JFET
More results

Similar Description - LSU_15

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSG RUBYCON-LSG Datasheet
180Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
Screw Terminal Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com