Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSU Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LSU
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSU Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LSU_15 Datasheet HTML 1Page - RUBYCON CORPORATION LSU_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSU
350
400
1800
2200
2700
3300
3900
4700
5600
6800
6800
8200
8200
10000
10000
12000
15000
18000
1500
1800
2200
2700
3300
3900
4700
4700
5600
5600
6800
6800
8200
8200
10000
12000
15000
18000
1200
1500
1800
2200
2700
3300
3900
4700
4700
5600
6800
6800
8200
10000
12000
51×98
51×118
51×138
51×148
64×119
64×139
77×121
64×189
77×141
77×151
90×121
77×191
90×141
90×191
90×191
90×221
51×98
51×118
51×138
51×148
64×119
64×139
64×149
77×121
64×189
77×141
77×151
90×121
77×191
90×141
90×151
90×191
90×221
90×241
51×98
51×118
51×138
64×119
64×139
64×149
77×121
77×141
90×121
77×151
77×191
90×141
90×191
90×221
90×241
7.8
8.7
9.8
10.8
12.9
14.3
17.8
17.7
19.8
21.8
25.8
24.6
28.8
30.6
36.2
40.1
6.9
7.7
8.6
9.5
11.5
12.7
13.8
15.8
15.4
17.5
19.2
22.9
21.4
25.4
27.9
31.5
35.8
38.9
6.5
7.4
8.3
10.1
11.3
12.5
15.3
17.0
18.1
17.4
19.2
21.0
25.1
27.9
30.0
450
500
550
580
1200
1500
1800
2200
2700
3300
3900
4700
4700
5600
6800
6800
8200
10000
12000
1800
2200
2700
3300
3900
4700
4700
5600
5600
6800
8200
10000
1500
1800
2200
2700
3300
3900
3900
4700
4700
5600
6800
8200
51×98
51×118
51×148
64×119
64×139
64×149
77×131
77×151
90×121
90×131
77×191
90×151
90×191
90×221
90×241
64×119
64×139
64×149
77×131
77×151
77×171
90×131
77×191
90×151
90×191
90×221
90×241
64×119
64×139
64×149
77×131
77×151
77×171
90×131
77×191
90×151
90×191
90×221
90×241
5.6
6.3
7.1
8.5
9.6
10.5
13.3
14.8
17.8
19.5
18.1
21.7
24.5
27.4
30.1
6.0
6.8
7.5
9.4
10.4
11.5
13.6
12.7
15.2
17.3
19.4
21.6
5.6
6.3
7.1
8.8
9.9
11.0
12.9
12.2
14.5
16.3
18.4
20.4
Size
φDXL
(㎜)
Size
φDXL
(㎜)
◆Tightening torque of bolt and Permissible current of terminal.
Rated Voltage
(Vdc)
Capacitance
(uF)
Ripple Current
(A.r.m.s 85℃,120Hz)
Rated Voltage
(Vdc)
Capacitance
(uF)
Ripple Current
(A.r.m.s 85℃,120Hz)
Clamp Bolt
M3
M4
0.6 [N・m]
1.3 [N・m]
Recommended Tightening torque
Terminal Recommended Tightening torque
(Permissible Range)
M5
2.2(1.5∼3.2) [N・m]
Permissible Current
of Terminal
60Arms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com